Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT2-40051-R Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # LSMT2-40051-R
Description  MULTI POWER TRANSDUCER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT2-40051-R Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button LSMT2-40051-R Datasheet HTML 2Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 3Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 4Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 5Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 6Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 7Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 8Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 9Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LSMT2
ES-1954 Rev.6
Specifications subject to change without notice.
RATING
RANGE
0 – lag 100 var lead 100 – lag 100 var
110V
/ 1A
0 – lag 150 var lead 150 – lag 150 var
√30 – lag 166.6 var lead 166.6 – lag 166.6 var
0 – lag 200 var lead 200 – lag 200 var
0 – lag 500 var lead 500 – lag 500 var
110V
/ 5A
0 – lag 750 var lead 750 – lag 750 var
√30 – lag 833 var lead 833 – lag 833 var
0 – lag 1000 var lead 1000 – lag 1000 var
0 – lag 200 var lead 200 – lag 200 var
220V
/ 1A
0 – lag 300 var lead 200 – lag 200 var
√30 – lag 333.3 var lead 333.3 – lag 333.3 var
0 – lag 400 var lead 400 – lag 400 var
0 – lag 1000 var lead 1000 – lag 1000 var
220V
/ 5A
0 – lag 1500 var lead 1500 – lag 1500 var
√30 – lag 1666 var lead 1666 – lag 1666 var
0 – lag 2000 var lead 2000 – lag 2000 var
0 – lag 350 var lead 350 – lag 350 var
380V
/ 1A
0 – lag 525 var lead 525 – lag 525 var
√30 – lag 583 var lead 583 – lag 583 var
0 – lag 700 var lead 700 – lag 700 var
0 – lag 1750 var lead 1750 – lag 1750 var
380V
/ 5A
0 – lag 2625 var lead 2625 – lag 2625 var
√30 – lag 2917 var lead 2917 – lag 2917 var
0 – lag 3500 var lead 3500 – lag 3500 var
•Reactive power
Input range and lag/lead can be changed via the front panel.
Power factor: lead 0.5 – 1 – lag 0.5
lag 0.5 – 1 – lead 0.5
lead 0 – 1 – lag 0
lag 0 – 1 – lead 0
Input range and lag/lead can be changed via the front panel.
Frequency: 45 – 55 Hz, 55 – 65 Hz, 45 – 65 Hz
Input range can be changed via the front panel.
Watthours
Ratio:110V – 77kV at the VT primary
5 – 8000A at the CT primary
Pulse unit: 0.01, 0.1, 1, 10, 100, 1000 kWh/pulse
CONNECTION DIAGRAM, INPUT
1
P1
2
P0
3
P3
4
5
1S
6
1L
2S
2L
CT
3
N
2
1
SOURCE
LOAD
VT
U
u
V
v
U
u
V
v
K
k
7
8
9
3S
10
3L
CT
K
k
A 1
A 2
A 3
V12
V23
V31
V3
V2
V1
CT
K
k
P. 10 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com