Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT2-11051-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # LSMT2-11051-R
Description  MULTI POWER TRANSDUCER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT2-11051-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  LSMT2-11051-R Datasheet HTML 1Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 2Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 3Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 4Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 5Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 6Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 7Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 8Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ES-1954 Rev.6
P. 3 / 10
INSTALLATION
Auxiliary power supply
AC:
operational voltage range: 85 – 264V,
50/60 Hz, approx. 10VA
DC:
operational voltage range: rating ±10%, or
85 – 150V for 110V rating; ripple 10% p-p
max.; approx. 10W (90mA at 110V)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 40 to 85% RH (non-condensing)
Mounting: surface or DIN rail
Dimensions: W125×H100×D128 mm (4.72"×3.94"×5.04")
Weight:
600 g (1.3 lbs)
PERFORMANCE in percentage of span
Accuracy
Voltage, current, watt, var, frequency: ±0.5%
Power factor: ±1.5%
Zero-phase voltage: ±1.0%
Max. zero-phase voltage: ±1.0%
Watthours: ±2.0% (load current 5 – 100%, power factor 1.0)
±2.5% (load current 10 – 100%, power
factor 0.5, lag current)
Temp. conditioning incl. in the accuray: 23 ±10°C
(73.4 ±18°F)
Freq. conditioning incl. in the accuracy: rating ±5%
Response time (0 – 100% ±1%): ≤1 sec.
except for zero-phase voltage: ≤0.1 sec.
Ripple:
1% p-p max.
Auxiliary supply voltage effect: half the accuracy
over voltage range
Power failure protection: VT/CT ratios, watthours,
max. zero-phase voltage are stored in the
non-volatile memory.
Insulation resistance: ≥50MΩ with 500V DC
(voltage input to current input to DC
output to pulse (network) output to aux.
supply to ground)
Dielectric strength: 2000V AC @1 minute
(circuit to ground; voltage input termi-
nals to output terminals; aux. supply to
input or output terminals)
1500V AC @1 minute
(output terminals to ground)
Surge withstand voltage: 1.2/50 µsec., ±6kV
(circuit to ground; voltage input termi-
nals to output terminals)
FRONT PANEL CONFIGURATION
14
16
18
20
22
24
26
28
30
32
A
C
15
1
2
3
4
5
6
7
8
9
10
17
19
21
23
25
27
29
31
33
B
11
12
13
DATA Display
SELECT Rotary SW
FUNCTION SW
Terminator
Control Buttons
OFF
ON
SW1
Run mode
Set mode
SW2
Output Adj. mode
Configure mode
SW3
Zero adj.
Span adj.
SW4
Measured value output Simulated rated value output
SW5
—
—
SW6
Run mode
Assign mode
DATA display: green LED; 5 mm (.2 in)
FUNCTION SW: Used to turn the unit into SET
mode and choose functions.
SELECT rotary SW: Used to choose output channels,
programmable items, etc. in Set mode.
Control buttons: Used to increase (+) / decrease (–)
the values, or move forward (+) / back (–) to other
items in Set mode.
Continuously pressing the button increases incre-
mental speed.
Terminator: For Modbus communication.
■PROGRAMMING PROCEDURE (example)
•Zero/Span Adjustments
SW1 : ON (Set mode)
SW2 : OFF (Output Adj. mode)
SW3 : OFF (zero) or ON (span)
Rotary SW : Choose the output channel.
Control buttons : Watching the DATA display show-
ing adjusted value, press (+) for increasing or (–) for
descreasing the value. Adjustable to ±5%.
•Configuration Change (range, lag/lead, etc.)
SW1 : ON (Set mode)
SW2 : ON (Configure mode)
Rotary SW : Choose the item to be programmed.
Control buttons : Watching the DATA display show-
ing data No., press (+) or (–) for changing data.
•Assigning Output Channels
SW1 : ON (Set mode)
SW6 : ON (Assign mode)
Rotary SW : Choose the output channel.
Control buttons : Watching the DATA display show-
ing measuring item No., press (+) or (–) for changing
data.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com