Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT2-11051-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LSMT2-11051-R
Description  MULTI POWER TRANSDUCER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT2-11051-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LSMT2-11051-R Datasheet HTML 1Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 2Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 3Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 4Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 5Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 6Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 7Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 8Page - M-System Co.,Ltd. LSMT2-11051-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ES-1954 Rev.6
MODEL
Power Transducer Series L-UNIT
LSMT2
Functions & Features
• Converting all major factors required for power
management into DC outputs • Compact design •
10 analog outputs and 1 Wh pulse output or Modbus
output • Saving wiring space • DIN rail mounting
• Free selection of measuring items, assigned to any
output channel • Transducer input range is
selectable with Watt, Var, Power Factor or Fre-
quency • Linear output for bidirectional current for
Var and Power Factor • Output characteristics can
be changed according to Lag/Lead for Var and Power
Factor
Typical Applications
• Monitoring panels
MODEL & SUFFIX CODE SELECTION
MULTI POWER TRANSDUCER
P. 1 / 10
LSMT2–❑❑❑❑❑❑–❑
MODEL
CONFIGURATION
1 : 3-phase / 3-wire
(See P. 5/10)
2 : Single-phase / 2-wire (See P. 7/10)
3 : Single-phase / 3-wire (See P. 8/10)
4 : 3-phase / 4-wire
(See P. 9/10)
VOLTAGE INPUT
0 :None
1 :110V AC
2 : 220V AC
4 : 380V AC
A : 100V / 200V AC
CURRENT INPUT
0 :None
1 :1A AC
5 :5A AC
ZERO-PHASE VOLTAGE INPUT
0 :None
1 :110V AC
2 : 190V AC
DC OUTPUT
Current
A :4 – 20mA DC
G :0 – 1mA DC
PULSE / NETWORK OUTPUT
0 : None (with zero-phase voltage input selected)
1 :Watthours
M :Modbus
AUXILIARY POWER SUPPLY
AC Power
DC Power
M : 85 – 264V AC
R : 24V DC
V : 48V DC
P :110V DC
GENERAL SPECIFICATIONS
Construction: stand-alone; terminal access at the front
Connection
Input and aux. supply: M4 screw terminals
Output: M3.5 screw terminals
Screw terminals: nickel-plated brass (torque 0.8 N·m)
Housing material: flame-resistant resin (black)
Isolation:
voltage input to current input to DC out-
put or pulse (network) output to aux. sup-
ply; negatives common to all outputs
Computation: digital processor
Output range: approx. 0 – 100% at 1 – 5V
Zero/span adjustments: ±4% independently adjust-
able for each measuring item
Address setting: 0 – 249 selectable (front; default
001)
Overrange output limit: high 101%, low -1%
(resettable)
Sampling rate: approx. 500 µsec.
(DO NOT connect directly to inverters.)
128
(5.04)
100
(3.94)
120 (4.72)
mm (inch)
Voltage
4 :0 – 10V DC
5 :0 – 5V DC
6 :1 – 5V DC
ORDERING INFORMATION
See later pages of this data sheet for detailed infor-
mation about availability of the functions for each in-
put configuration.
The unit is configured at the factory according to the
user's specifications, however, measuring items can be
freely selected and assigned to up to 10 output chan-
nels via the front panel control switches, except V0 :
zero-phase voltage or MV0 : max. zero-phase voltage
which require specific hardware to be ordered.
The measuring items are listed below:
A = Line current
V = Line voltage
W = Watt, active power var = var, reactive power
PF = Power factor
Hz = Frequency
V0 = Zero-phase voltage
MV0 = Maximum zero-phase voltage


Similar Part No. - LSMT2-11051-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LSMT MSYSTEM-LSMT Datasheet
98Kb / 4P
MULTI POWER TRANSDUCER
LSMT4 MSYSTEM-LSMT4 Datasheet
229Kb / 5P
Power Transducer Series
LSMT4-1141-100 MSYSTEM-LSMT4-1141-100 Datasheet
229Kb / 5P
Power Transducer Series
LSMT4-1141-100/Q MSYSTEM-LSMT4-1141-100/Q Datasheet
229Kb / 5P
Power Transducer Series
LSMT4-1141-110 MSYSTEM-LSMT4-1141-110 Datasheet
229Kb / 5P
Power Transducer Series
More results

Similar Description - LSMT2-11051-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMAT30 ETC-SMAT30 Datasheet
250Kb / 4P
Multi-Application Transducer SMD & Pin version
APT-DINAV53G3 ETC2-APT-DINAV53G3 Datasheet
84Kb / 2P
3-channel Power Transducer
logo
M-System Co.,Ltd.
53U MSYSTEM-53U Datasheet
489Kb / 9P
Power Transducer Series
54U MSYSTEM-54U Datasheet
476Kb / 10P
Power Transducer Series
54UC MSYSTEM-54UC Datasheet
360Kb / 8P
Power Transducer Series
54UL MSYSTEM-54UL Datasheet
353Kb / 8P
Power Transducer Series
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L53U MSYSTEM-L53U Datasheet
341Kb / 9P
Power Transducer Series
LSMT4 MSYSTEM-LSMT4 Datasheet
229Kb / 5P
Power Transducer Series
LSMT MSYSTEM-LSMT Datasheet
98Kb / 4P
MULTI POWER TRANSDUCER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com