Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7AST Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MD7AST
Description  Lightning Surge Protectors for
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD7AST Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MD7AST Datasheet HTML 1Page - M-System Co.,Ltd. MD7AST Datasheet HTML 2Page - M-System Co.,Ltd. MD7AST Datasheet HTML 3Page - M-System Co.,Ltd. MD7AST Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: MD7AST
MD7AST SPECIFICATIONS
ES-8067 Rev.5 Page 1/4
https://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR
STANDARD SIGNAL LINE
(ultra-slim; life monitor)
Functions & Features
• High discharge current capacity 20 kA (8 / 20 μs), 1 kA (10
/ 350 μs)
• Ultra-thin 7-mm-wide module can be mounted
in high density
• Excellent protection employing multi-stage SPD circuits
• DIN rail mounting and grounding
• Shield terminal provided
• Life monitor function helps you to decide when you should
replace the surge protector; reduces maintenance and
prevents downtime
• Incorporated battery
• Pressing CHK (Check) button confirms with
LEDs the degradation and life span of the surge protection
circuits
mm [inch]
7 [.28]
95
[3.74]
100
[3.94]
MODEL: MD7AST–[1][2][3]
ORDERING INFORMATION
• Code number: MD7AST-[1][2][3]
Specify a code from below for each of [1] through [3].
(e.g. MD7AST-24FF/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] NOMINAL VOLTAGE
24: 24 V DC
60: 60 V DC
[2] SHIELD TERMINAL (line / earth)
FF: Floating / Floating
FG: Floating / Grounding
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
GENERAL SPECIFICATIONS
Construction: Slim-sized front terminal structure
Degree of protection: IP20
Connection: Euro terminal block (torque 0.3 N·m)
Applicable wire size: 0.2 – 2.5 mm2, stripped length 8 mm
Grounding: DIN Rail
Housing material: Flame-resistant resin (black)
Indicators: Activated by CHK (Check) button
BAT: Green LED
ALM: Red LED
Degradation judged: When the leakage current at the
voltage limiter exceeds approx. 7.5 μA.
Life time judged: When the count of the discharge element
discharging reaches the expected life span.
CHK button: Push button; momentary
Battery: Lithium; No recharge or replacement available.
Battery life: 10 years (when used ≤ 2 minutes/month)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: DIN Rail (TH35-7.5, 1-mm-thick)
Oxide film on the surface of an aluminium DIN rail may
lower the electric conductivity between this module and the
ground. Use a steel or copper rail.
Weight: 70 g (2.5 oz)


Similar Part No. - MD7AST

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
MD7A1950 VANLONG-MD7A1950 Datasheet
52Kb / 1P
Suitable for surface mount and reflow soldering
MD7A1950F60DCA VANLONG-MD7A1950F60DCA Datasheet
52Kb / 1P
Mono Duplexer (MD & MP Type)
MD7A2140F60DCA VANLONG-MD7A2140F60DCA Datasheet
52Kb / 1P
Mono Duplexer (MD & MP Type)
logo
M-System Co.,Ltd.
MD7AP MSYSTEM-MD7AP Datasheet
110Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD7AP-100 MSYSTEM-MD7AP-100 Datasheet
110Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MD7AST

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD73W MSYSTEM-MD73W Datasheet
122Kb / 3P
Lightning Surge Protectors for Lightning Surge Protectors for
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com