Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7AST Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MD7AST
Description  Lightning Surge Protectors for
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD7AST Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MD7AST Datasheet HTML 1Page - M-System Co.,Ltd. MD7AST Datasheet HTML 2Page - M-System Co.,Ltd. MD7AST Datasheet HTML 3Page - M-System Co.,Ltd. MD7AST Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MD7AST
MD7AST SPECIFICATIONS
ES-8067 Rev.5 Page 2/4
https://www.m-system.co.jp/
PERFORMANCE
MODEL NO.
NOMINAL VOLTAGE
MD7AST-24
MD7AST-60
SHLD TERMINAL
FF
FG
FF
FG
Max. continuous
operating voltage
(Uc)
Line to Line
30V
70V
Line to Earth
±160V
±160V
Line to SHLD
±160V
±160V
SHLD to Earth
±160V
short
±160V
short
Voltage protection
level (Up)
@6kV (1.2 / 50 µs)
Line to Line
60V
115V
Line to Earth
±800V
±800V
Line to SHLD
±1200V
±800V
±1200V
±800V
SHLD to Earth
±800V
short
±800V
short
Leakage current
@Uc
Line to Line
≤ 5µA
≤ 5µA
Other sections
≤ 5µA
≤ 5µA
Response time
Line to Line
≤ 4 nsec.
≤ 4 nsec.
Other sections
≤ 20 nsec.
≤ 20 nsec.
Max. discharge current (Imax)
20kA (8 / 20 µs), 1.0kA (10 / 350 µs)
Nominal current (I
N)
250mA
Internal series resistance
4.7Ω ±10% per line
10Ω ±10% per line
Surge protection
IEC 61643-21 Categories C1, C2, D1
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL VIEW
CHK Check Button
ALM Indicator LED
BAT Indicator LED



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com