Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MAX
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAX Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MAX Datasheet HTML 1Page - M-System Co.,Ltd. MAX Datasheet HTML 2Page - M-System Co.,Ltd. MAX Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MAX
http://www.m-system.co.jp/
MAX SPECIFICATIONS
ES-8175 Rev.6 Page 1/3
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR
FOR POWER SUPPLY USE
(5 A; high discharge current capacity)
Functions & Features
• Designed specifically for AC power supplies up to 5 A
• Discharge current capacity 10000 A
• Absorbing surges only without affecting instrumentation
signal
• No power supply interruption even when the surge
absorber is broken
• Relay contact turns ON with surge absorber failure
• Surge absorber element replaceable without power
interruption
Typical Applications
• High discharge current capacity is beneficial for use in
area with frequent lightnings
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
MAX
MODEL: MAX–[1]
ORDERING INFORMATION
• Code number: MAX-[1]
Specify a code from below for [1].
(e.g. MAX-100)
[1] OPERATIONAL VOLTAGE
100: 100 V / 110 V / 120 V AC
200: 200 V / 220 V / 240 V AC
RELATED PRODUCTS
• Lightning surge protector for standard signal line use
(model: MMD-24)
• Surge absorber element (model: MEL)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel
Housing material: Flame-resistant resin (black)
Alarm indicator: Surge absorber failure indicator turns white
when the fuse is blown.
Alarm contact: Turns ON with surge absorber failure (when
the fuse is blown or when the surge absorber element is
extracted.)
• Rating:
125 V AC @1 A (cos ø = 1)
30 V DC @1 A (resistive load)
• Maximum switching voltage: 220 V AC, 250 V DC
• Maximum switching power: 125 VA, 100 W
• Minimum load: 5 V DC @1 mA
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 470 g (1.04 lb)
PERFORMANCE
Discharge voltage (peak-to-peak)
Line to line:
≥ 190 V (MAX-100)
≥ 410 V (MAX-200)
Line to ground: ≥ 640 V
Maximum surge voltage
Line to line:
≤ 350 V (MAX-100)
≤ 700 V (MAX-200)
Line to ground: ≤ 800 V
(Withstand voltage of protected equipment between circuit
and metal housing must be 1000 V AC or more.)
Note: This is the maximum voltage that could pass through
M-RESTER. Protected equipment must be able to withstand
this voltage for very short time period.
Response time: ≤ 0.01 μsec.
Leakage current
Line to line:
≤ 1 mA at 150 V DC (MAX-100)
≤ 1 mA at 300 V DC (MAX-200)
Line to ground: ≤ 1 mA at 300 V DC
Discharge current capacity: 10000 A (8/ 20 μsec.)
Maximum load current: 5 A
Internal series resistance: ≤ 0.5 Ω including return


Similar Part No. - MAX

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MAX COOPER-MAX Datasheet
78Kb / 1P
Blade-Type Fuses
logo
Shanghai Mixinno Microe...
MAX 2018A MIXINNO-MAX 2018A Datasheet
383Kb / 9P
5W Single Channel Class F Audio Power Amplifier
Rev 1.3 Oct. 2013
logo
Altera Corporation
MAX 7000 ALTERA-MAX 7000 Datasheet
1Mb / 65P
Programmable Logic Device Family
September 2005, ver. 6.7
logo
List of Unclassifed Man...
MAX-100 ETC1-MAX-100 Datasheet
218Kb / 2P
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
MAX-100 MDE-MAX-100 Datasheet
217Kb / 2P
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - MAX

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com