Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MAX
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAX Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MAX Datasheet HTML 1Page - M-System Co.,Ltd. MAX Datasheet HTML 2Page - M-System Co.,Ltd. MAX Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MAX
http://www.m-system.co.jp/
MAX SPECIFICATIONS
ES-8175 Rev.6 Page 2/3
EXTERNAL VIEW
Model No. Label
for Surge Absorber
Element
Surge Absorber
Failure Indicator Hole
Surge Absorber
Element
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100
Ω or less)
A crossover wire between M-RESTER ground and the ground or
metallic housing of the equipment is required for protection.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
3
4
5
6
2
1
8
7
50 (1.97)
103 (4.06)
123 (4.84)
7 (.28)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
SURGE ABSORBER
ELEMENT (model: MEL)
2–4.5 (.18) dia.
MTG HOLE
15 (.59) deep
8–M3.5
SCREW
•When mounting, no extra space is needed between units.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
4
5
3
6
ALARM OUTPUT
PROTECTED
EQUIPMENT
(load side)
1
8
2
7
POWER
SOURCE
(surge side)
BREAKER
Be sure to install
the Breaker.
Surge
Absorber
Element
B
Base Socket
Main Body



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com