Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MAT2
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAT2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MAT2 Datasheet HTML 1Page - M-System Co.,Ltd. MAT2 Datasheet HTML 2Page - M-System Co.,Ltd. MAT2 Datasheet HTML 3Page - M-System Co.,Ltd. MAT2 Datasheet HTML 4Page - M-System Co.,Ltd. MAT2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: MAT2
MAT2 SPECIFICATIONS
ES-8149 Rev.12 Page 3/5
https://www.m-system.co.jp/
CONNECTION EXAMPLES
*1. The circuit breaker must be installed.
Molded-case circuit breaker (MCCB) or residual current circuit breaker with overcurrent protection (RCD) can be used.
The rated interrupting capacity of the circuit breaker must be greater than the highest amount of current that could be available in the circuit.
Install MCCB (rated current 20
– 30A) that has element for each phase.
Or RCD with time-delay overcurrent protection is recommended. Recommended sensitivity current rating: 30mA
*2. Cable length between the branch point and the earthing: 0.5 meters or less recommended
*3. The protected device's metal enclosure must be cross-wired to the earth terminal of the MAT2. If the protected device has no earth terminal,
earth only the MAT2.
*4. In order to protect an electronic circuit such as measuring equipment or communication equipment, we recommend to use surge protectors
which have serial impedance incorporated such as M-System's models MAX, MMA, MAH.
*1
*3
ED
EB
*4
1) : Protective device of the switchgear
2) : Circuit breaker
3) : Main earth terminal or busbar
4) : MAT2
5) : Earth conductor
5)a and/or 5)b
6) : Protected device
EB : Main's earth electrode
ED : Switchgear's earth electrode
1)
2)
3)
6)
5)a
5)b
N
*2
L2
L1
L3
PE
N
Residual
Current
Circuit
Breaker
4)
2
1
PE
N
3
■ INSTALLATION EXAMPLES: Three-phase 4-wire connection
*3
*2
*1
*4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com