Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT2 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MAT2
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAT2 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MAT2 Datasheet HTML 1Page - M-System Co.,Ltd. MAT2 Datasheet HTML 2Page - M-System Co.,Ltd. MAT2 Datasheet HTML 3Page - M-System Co.,Ltd. MAT2 Datasheet HTML 4Page - M-System Co.,Ltd. MAT2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: MAT2
MAT2 SPECIFICATIONS
ES-8149 Rev.12 Page 4/5
https://www.m-system.co.jp/
POWER SYSTEM
Power System (example)
SPD
Single-phase/2-wire 220V AC
MAT2–240x
Single-phase/2-wire 110V AC
MAT2–240x
SPD
Single-phase/2-wire 220V AC
MAT2–4404x
Single-phase/2-wire 110V AC
MAT2–240x
Single-phase/3-wire 400/200V AC
MAT2–4404x
Single-phase/3-wire 220/110V AC
MAT2–240x
SPD
Single-phase/2-wire
Generator or transformer
Generator or transformer
SPD
MAT2–4404x
MAT2–240x
Three phase/3-wire (delta connection)
(N)
Protected
device
G
2
1
PE
N
A1
C
A2
3
SPD
Alarm output
Circuit breaker
*1. For TT system, in order to ensure safe failure mode at TOV due to earth fault on high-voltage systems, connect between terminal 2 and N of the MAT2.
*2. For TT system, in order to ensure safe failure mode at TOV due to earth fault on high-voltage systems, install a four-pole (three-pole plus neutral)
circuit breaker.
*3. For 440V AC three-phase/3-wire system, use a residual current circuit breaker with overcurrent protection.
*4. For single-phase/2-wire system, connect lines to terminal 1 and 2 of the MAT2. For single-phase/3-wire system, connect the neutral line to terminal 2
of the MAT2.
Three-phase/4-wire 400V AC
MAT2–4404x
Three-phase/4-wire 220V AC
MAT2–2404x
Protected
device
G
2
1
PE
N
A1
C
A2
3
SPD
Alarm output
Circuit breaker
N
Power System (example)
Power System (example)
Power System (example)
CONNECTION
EXAMPLE
CONNECTION
EXAMPLE
POWER SYSTEM
Three-phase/3-wire 400V AC
Three-phase/3-wire 220V AC
Three-phase/4-wire (star connection)
Single-phase/2-wire
(three-phase delta connection
earthed in the middle of phases)
*3
*1
Generator or transformer
(N)
Protected
device
G
2
1
PE
N
A1
C
A2
3
SPD
Alarm output
Circuit breaker
*1
Generator or transformer
N
Protected
device
G
2
1
PE
N
A1
C
A2
3
SPD
Alarm output
Circuit breaker
*1
*4
Single-phase/3-wire
*2
■ ALARM OUTPUT
When the alarm output is to be transmitted remotely via outdoor cables, a surge protector for the signal line is required.
*1
*1
*1
*3
*2
■ CONNECTION EXAMPLES BY POWER SYSTEMS
Abnormal voltages appearing in case of a light load or a fault earth loop must be within the maximum continuous operational voltage when
selecting the MAT2 models.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com