Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAL Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # MAL
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAL Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  MAL Datasheet HTML 1Page - M-System Co.,Ltd. MAL Datasheet HTML 2Page - M-System Co.,Ltd. MAL Datasheet HTML 3Page - M-System Co.,Ltd. MAL Datasheet HTML 4Page - M-System Co.,Ltd. MAL Datasheet HTML 5Page - M-System Co.,Ltd. MAL Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: MAL
MAL SPECIFICATIONS
ES-8162 Rev.2 Page 5/6
https://www.m-system.co.jp/
TN Systems (common earth)
TT Systems (independent earth)
N
Protected
device
G
Three-phase
/3-wire
(V connection)
Three-phase
/4-wire
(V connection)
L1
L2
L3
SPD2
POWER (e.g.)
SPD1
Three-phase/4-wire 220V AC
MAL-230x
SPD2
–
ACC
CNB2-5
POWER (e.g.)
SPD1
Three-phase/4-wire 220V AC
MAL-230x
SPD2
MALN-230
ACC
CNB2-7
ACC
SPD1 SPD1 SPD1
Protected
device
G
L1
L2
L3
ACC
SPD1 SPD1 SPD1
N
L1
L2
L3
*1. Wiring only for three-phase/4-wire
Generator or transformer
Generator or transformer
POWER SYSTEM
Circuit
breaker
Circuit
breaker
*1
*1
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
35 [1.38]
50 [1.97]
64 [2.52]
DIN RAIL
35mm wide
DIN RAIL ADAPTOR
DIN RAIL ADAPTOR
MARKING LABELS
MARKING LABELS
SPECIFICATIONS
(2 [.08])
ALARM OUTPUT TERMINAL
(valid only with alarm output type)
N-PE TERMINAL
LINE TERMINAL
DIN RAIL
WIRING INLET
• When mounting, no extra space is needed between units.
WIRING BRIDGE (model: CNB2)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com