Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAL Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MAL
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAL Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MAL Datasheet HTML 1Page - M-System Co.,Ltd. MAL Datasheet HTML 2Page - M-System Co.,Ltd. MAL Datasheet HTML 3Page - M-System Co.,Ltd. MAL Datasheet HTML 4Page - M-System Co.,Ltd. MAL Datasheet HTML 5Page - M-System Co.,Ltd. MAL Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: MAL
MAL SPECIFICATIONS
ES-8162 Rev.2 Page 2/6
https://www.m-system.co.jp/
PERFORMANCE
Response time: ≤ 50 nsec.
Follow current interrupting rating
• MAL-230x: 4 kA
• MAL-400A: 0.75 kA
Maximum discharge current: 25 kA (10/350 μsec.)
Insulation resistance: ≥ 100 MΩ with 500 V DC (line to
alarm output)
Dielectric strength: 2000 V AC @ 1 minute (line to alarm
output)
Surge protection: IEC 61643-1 Class I
MODEL
Uc
(AC) (V)
DISCHARGE
VOLTAGE
(V min)
Up
(V max)
MAL-230x
255
400
1000
MAL-400A
440
650
2000
Uc = Maximum continuous operational voltage
Up = Voltage protection level
STANDARDS & APPROVALS
EU conformity:
Low Voltage Directive
EN 61643-11
RoHS Directive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com