Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MAAC
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAAC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MAAC Datasheet HTML 1Page - M-System Co.,Ltd. MAAC Datasheet HTML 2Page - M-System Co.,Ltd. MAAC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MAAC
MAAC SPECIFICATIONS
ES-8167 Rev.7 Page 1/3
https://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR
FOR POWER SUPPLY USE
(5A; high discharge current capacity; life monitor/surge
counter)
Functions & Features
•Designed specifically for AC power supplies up to 5 amps
•Discharge current capacity 10000 A
•Life monitor function helps you to decide when you should
replace the M-RESTER; reduces maintenance and prevents
downtime
•LED display and alarm contact output indicate
the degradation and life span of the surge protection
circuits
•No power supply interruption even when the unit is
degraded or at the end of its life
50
[1.97]
123
[4.84]
80
[3.15]
mm [inch]
MODEL: MAAC–[1]
ORDERING INFORMATION
• Code number: MAAC–[1]
Specify a code from below for [1].
(e.g. MAAC-100)
[1] OPERATIONAL VOLTAGE
100: 100 V / 110 V / 120 V AC
200: 200 V / 220 V / 240 V AC
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel
Housing material: Flame-resistant resin (black)
Indicators
Surge counter: 7-segment, 3-digit, red LED; The LED
flashes when the life span of the discharge element is near
to the end, recommending replacement of the M-RESTER;
turns off when the life is ended.
PWR: The green LED turns on while the circuit is alive and
the internal fuse is not blown; and is off when the power
supply is removed or the fuse is blown.
ALARM: The LED turns on when the life span of the
discharge element has ended and/or the voltage limiter has
been degraded.
Degradation judged: When the leakage current at the
voltage limiter exceed approx. 3mA; or when the fuse is
blown.
Life time judged: When the number of discharges of the
discharge element reaches the expected life span.
Alarm output: The N.C. contact is on when the life span of
the discharge elements has ended, when the voltage limiter
has degraded, and/or when the power supply is removed.
Rating: 125 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 250 V AC or 110 V DC
Maximum switching power: 62.5 VA or 30 W
Minimum load: 5 V DC @ 1 mA
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 500 g (1.1 lb)
PERFORMANCE
Operational voltage range:
90 – 132 V AC (MAAC-100)
180 – 264 V AC (MAAC-200)
50/60 Hz
Approx. 2 VA at 100 V AC
Approx. 2 VA at 200 V AC
Approx. 4 VA at 264 V AC
Discharge voltage (peak valtage)
Line to line:
190 V min. (MAAC-100)
410 V min. (MAAC-200)
Line to ground: 400 V min.
Maximum surge voltage
(The maximum voltage that could pass through M-RESTER.
Protected equipment must be able to withstand this voltage
for very short time period.)
Line to line: 400 V max. (MAAC-100)
750 V max. (MAAC-200)
Line to ground: 900 V max.
Withstand voltage of protected equipment between the
circuit and the metal housing must be 1000V AC or more.
Response time: ≤ 0.01 μsec.
Leakage current


Similar Part No. - MAAC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MAA MSYSTEM-MAA Datasheet
104Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
M-System Co.,Ltd.
MAA-100 MSYSTEM-MAA-100 Datasheet
104Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
SEMPO ELECTRONIC Limite...
MAA-100-08 SEMPO-MAA-100-08 Datasheet
72Kb / 2P
Diode-Diode Module
MAA-100-12 SEMPO-MAA-100-12 Datasheet
72Kb / 2P
Diode-Diode Module
More results

Similar Description - MAAC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPA24 MSYSTEM-MDPA24 Datasheet
133Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com