Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAC Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MAAC
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAAC Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MAAC Datasheet HTML 1Page - M-System Co.,Ltd. MAAC Datasheet HTML 2Page - M-System Co.,Ltd. MAAC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MAAC
MAAC SPECIFICATIONS
ES-8167 Rev.7 Page 2/3
https://www.m-system.co.jp/
Line to line: ≤ 26 mA at 100 V AC (MAAC-100)
≤ 13 mA at 200 V AC (MAAC-200)
Line to ground: ≤ 0.1 mA at 300 V AC
Discharge current capacity: 10000 A (8/ 20 μsec.)
Maximum load current: 5 A
Internal series resistance: ≤ 0.5 Ω including return
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (alarm output)
Installation Category II (power)
Pollution degree 2
Alarm output to power: Reinforced insulation (300 V)
RoHS Directive
EXTERNAL VIEW
PWR LED
Surge Counter
ALARM LED
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and ground or metallic
housing of equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com