Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESKA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ESKA
Description  TEMPERATURE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESKA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ESKA Datasheet HTML 1Page - List of Unclassifed Manufacturers ESKA Datasheet HTML 2Page - List of Unclassifed Manufacturers ESKA Datasheet HTML 3Page - List of Unclassifed Manufacturers ESKA Datasheet HTML 4Page - List of Unclassifed Manufacturers ESKA Datasheet HTML 5Page - List of Unclassifed Manufacturers ESKA Datasheet HTML 6Page - List of Unclassifed Manufacturers ESKA Datasheet HTML 7Page - List of Unclassifed Manufacturers ESKA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
TAMURA
ANZEN
DENGU
CO.,L
TD
TAMURA
ANZEN
DENGU
CO.,L
TD
TAMURA
ANZEN
DENGU
CO.,L
TD
N TYP Radial
ESKA-Nr.
Produkt-Nr.
Bemessungs-
Funktions-
T H
T M
Spannung
CCC
UL
CSA
VDE
BEAB
temperatur (°C)
temperatur (°C)
(°C)
(°C)
Ampere
Volt
E73591
L60621
13710-4510-1009
0617
700.076
N 0
76
73 + - 2,5
50
85
1
250
❊❊
700.103
N 2
103
98 + - 2
70
180
1
250
❊❊
700.127
N 4
127
124 + - 2
95
180
1
250
❊❊
700.136
N 5
136
131 + - 2
105
180
1
250
❊❊
700.140
N 6
140
135 + - 2
105
180
1
250
❊❊
700.150
N 7
150
145 + - 2
115
180
1
250
❊❊
700.169
N 8
169
165 + - 3
130
180
1
250
❊❊
700.102
N 22
102
98 + - 2
70
180
1
250
❊❊
700.130
N 44
130
124 + - 2
95
180
1
250
❊❊
700.139
N 66
139
135 + - 2
105
180
1
250
❊❊
H TYP Radial
ESKA-Nr.
Produkt-Nr.
Bemessungs-
Funktions-
T H
T M
Spannung
CCC
UL
CSA
VDE 13710-4510-1002
BEAB
temperatur (°C)
temperatur (°C)
(°C)
(°C)
Ampere
Volt
E73591
LR60621 VDE 13710-4510-1004 C0532
710.076
H 076
76
73 + - 2,5
50
85
2
250
❊❊
710.103
H 100
103
98 + - 2
70
180
2
250
❊❊
710.127
H 125
127
124 + - 2
95
180
2
250
❊❊
710.136
H 130
136
131 + - 2
105
180
2
250
❊❊
710.140
H 135
140
135 + - 2
105
180
2
250
❊❊
710.150
H 145
150
145 + - 2
115
180
2
250
❊❊
710.165
H 160
165
160 + - 2
130
180
2
250
❊❊
710.169
H 169
169
165 + - 3
130
180
2
250
❊❊
E TYP Radial
ESKA-Nr.
Produkt-Nr.
Bemessungs-
Funktions-
T H
T M
Spannung
CCC
UL
CSA
VDE 13710-4510
BEAB
temperatur (°C)
temperatur (°C)
(°C)
(°C)
Ampere
Volt
E73591
L60621-16
0790
720.098
E 2
103
98 + - 2
70
180
3
250
❊❊
720.108
E 3
117
112 + - 2
85
180
3
250
❊❊
5
125
❊❊
720.124
E 4
127
124 + - 2
95
180
3
250
❊❊
5
125
❊❊
720.130
E 5
136
131 + - 2
105
180
3
250
❊❊
5
125
❊❊
720.145
E 7
150
145 + - 2
115
180
3
250
❊❊
5
125
❊❊
720.165
E 8
169
165 + - 3
130
180
3
250
❊❊
720.102
E 22
102
98 + - 2
70
180
3
250
❊❊
S TYP 5 A Radial
ESKA-Nr.
Produkt-Nr.
Bemessungs-
T H
T M
Spannung
temperatur (°C)
(°C)
(°C)
Ampere
Volt
730.100
100
70
180
5
250
730.110
110
80
180
5
250
730.130
130
100
180
5
250
730.143
143
110
180
5
250
730.150
150
120
180
5
250
Konfektionierungen auf Kundenwunsch möglich!



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com