Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR8630 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSR8630
Description  BC08 Stereo Speaker A2DP Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSR8630 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSR8630 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bluetooth
® Module
BC08 Stereo Speaker A2DP Module – CSR8630
BTM-630
The BTM630 series is CSR 8630 Bluetooth Stereo Audio Module and is suitable for A2DP and AVRCP applications.
Multipoint support for A2DP connection to 2 A2DP sources for music playback. The enhanced Kalimba DSP
coprocessor with 80MIPS supports enhanced audio and DSP applications. The integrated audio codec supports
stereo line input with LINE input and Stereo output, as well as a variety of audio standards.
Features
Outline
Fully Qualified Bluetooth v4.0.
Integrated Switched-Mode Regulator.
Integrated Battery Charger.
Embedded Kalimba DSP Co-Processor.
High-performance Stereo codec with stereo line input.
CSR’s latest CVC technology for narrowband and wideband
voice connections including wind noise reduction.
Multipoint A2DP connection enables a headset(A2DP)
connection to 2 A2DP source device for music playback.
Audio interfaces: Line-in
Serial interfaces: USB 2.0
SBC, MP3, AAC, Faststream decoder support.
Wired audio support.
Voice prompts support.
RoHS compliant.
Small outline. 16 x15 x1.8mm
Applications
Bluetooth stereo Speakers.
A2DP audio sink (including multipoint) for music Streaming.


Similar Part No. - CSR8630

ManufacturerPart #DatasheetDescription
logo
BUDDIES TECHNOLOGY LIMI...
CSR8670 BUDDIES-CSR8670 Datasheet
658Kb / 27P
Bluetooth Module
logo
List of Unclassifed Man...
CSR8670 ETC1-CSR8670 Datasheet
683Kb / 2P
Low-power Solution for DSP Intensive Audio Applications
More results

Similar Description - CSR8630

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4800 ANPEC-APA4800 Datasheet
124Kb / 13P
Stereo 290mW 8ohm Speaker Driver
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
STEREO CODEC WITH SPEAKER DRIVER
logo
Rohm
BA5406 ROHM-BA5406_1 Datasheet
160Kb / 5P
5W5W Stereo Speaker Amplifiers
BA5417 ROHM-BA5417_1 Datasheet
229Kb / 5P
5W5W Stereo Speaker Amplifiers
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
Stereo CODEC With Speaker Driver
logo
Rohm
BA5406 ROHM-BA5406_05 Datasheet
899Kb / 9P
5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406_10 Datasheet
636Kb / 11P
5W5W Stereo Speaker Amplifiers
BD7836EFV ROHM-BD7836EFV Datasheet
565Kb / 17P
1.9W1.9W Stereo Speaker Amplifier
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978_11 Datasheet
1Mb / 118P
Stereo CODEC with Speaker Driver
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
697Kb / 11P
Stereo Speaker Amplifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com