Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDKLC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDKLC
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDKLC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDKLC Datasheet HTML 1Page - M-System Co.,Ltd. MDKLC Datasheet HTML 2Page - M-System Co.,Ltd. MDKLC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MDK-LC
http://www.m-system.co.jp/
MDK-LC SPECIFICATIONS
ES-8136 Rev.3 Page 1/3
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR
STRAIN GAUGE USE
Functions & Features
• Designed to protect strain gauge transmitters from
lightning surge damage that enters on the wiring between
the strain gauge and the transmitter
• Absorbing surges only without affecting instrumentation
signal
• Shallow depth
• DIN rail mounting
50 (1.97)
50 (1.97)
80 (3.15)
mm (inch)
MODEL: MDK–LC
ORDERING INFORMATION
• Code number: MDK-LC
GENERAL SPECIFICATIONS
Construction: Discrete box, front terminals; terminal cover
provided
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: DIN rail
Weight: 150 g (0.33 lbs)
PERFORMANCE
Maximum line voltage
Output side: ±0.3 V
Excitation side: 15 V
Discharge voltage (peak voltage)
Output side: ±0.3 V min.
Excitation side: 15 V min.
Line to ground: ±15 V min.
Maximum surge voltage
Output side: ±15V max.
Excitation side: 30V max.
Line to ground: ±30V max.
(The maximum voltage that could pass through M-RESTER.
Protected equipment must be able to withstand this voltage
for very short time period.)
Response time: ≤ 5 nsec.
Leakage current:
Output side: ≤ 0.2 μA @ ±0.3 V DC
Excitation side: ≤ 2 μA @ 15 V DC
Line to ground: ≤ 2 μA @ ±15 V DC
Discharge current capacity
Output side: 100 A (8 / 20 μsec.)
Excitation side: 50 A (8 / 20 μsec.)
Line to ground: 50 A (8 / 20 μsec.)
Internal series resistance: ≤ 0.1 Ω


Similar Part No. - MDKLC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDKLV MSYSTEM-MDKLV Datasheet
103Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDKLC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com