Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDKLC Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDKLC
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDKLC Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDKLC Datasheet HTML 1Page - M-System Co.,Ltd. MDKLC Datasheet HTML 2Page - M-System Co.,Ltd. MDKLC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MDK-LC
http://www.m-system.co.jp/
MDK-LC SPECIFICATIONS
ES-8136 Rev.3 Page 2/3
CONNECTION EXAMPLES
M-RESTER
6
7
1
2
M-RESTER
5
1
2
6
7
8
3
3
8
(PROTECTED EQUIPMENT)
9
4
4
9
STRAIN GAUGE
XMTR
SHIELDED WIRE
–
+
–
+
G
–
+
OUTPUT
V
U
POWER
EXC.
INPUT
10
5
G
STRAIN GAUGE
EXC.
OUTPUT
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and ground or metallic
housing of equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
DIMENSIONS unit: mm (inch)
10–M3.5 SCREW
8 (.31)
50 (1.97)
50 (1.97)
[3.3 (.13)]
DIN RAIL
35mm wide
TERMINAL
COVER
•When mounting, no extra space is needed between units.
TERMINAL ASSIGNMENTS
5
4
3
2
1
10
9
8
7
6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com