Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDJST Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MDJST
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDJST Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MDJST Datasheet HTML 1Page - M-System Co.,Ltd. MDJST Datasheet HTML 2Page - M-System Co.,Ltd. MDJST Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: MDJST
MDJST SPECIFICATIONS
ES-8156 Rev.7 Page 3/3
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
■ Alarm output connection example
+
–
ѳ: Thermal breaker
*1. Do not connect a high capacity current source such as power supply. (The current source must be equipped with current limiter of 1A or less.)
*2. For floating SHLD line, connect to the terminal (7).
*3. Sections enclosed in broken line are only applicable for “Status indicator” code “A1” or “A2.”
*4. Sections enclosed in broken line are only applicable for “Status indicator” code “A2.”
*5. The protected device’s metal enclosure must be cross-wired to the earth terminal of the MDJST.
If the protected device has no earth terminal, earth only the MDJST.
5
6
3
4
1
8
7
MONITOR
CHECK
ѳ
G
G
Alarm
Output
Circuit
2
ALM
+
–
Surge Side
*1
*2
SHLD
*3
*4
+
–
Crossover Wire *
5
Protected Side
Protected Device
Discharge
Element
Discharge
Element
Series
Impedance
Series
Impedance
Voltage Limiter
Leak Curr.
Detector
(green)
BATTERY
Discharge
Element
• Specifications are subject to change with or without notice.
• This product includes a lithium-metal battery.
Consult your shipping agent such as a freight forwarder or an airline for the necessary
procedures when transporting the battery.
Observe your national and local regulations when disposing of the used battery.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com