Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDJST Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDJST
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDJST Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDJST Datasheet HTML 1Page - M-System Co.,Ltd. MDJST Datasheet HTML 2Page - M-System Co.,Ltd. MDJST Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MDJST
MDJST SPECIFICATIONS
ES-8156 Rev.7 Page 1/3
http://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR
STANDARD SIGNAL LINE
(fast response: 3 nsec.)
Functions & Features
• Designed specifically for 4 – 20 mA DC and pulse signal
line
• Battery-powered status indicator
• High discharge current capacity 20 kA (8/20 μs)
• Shield terminal provided
• Compatible with IEC 61643-21 categories C1, C2, D1.
26(1.02)
93
(3.66)
137
(5.39)
mm (inch)
MODEL: MDJST–[1][2]
ORDERING INFORMATION
• Code number: MDJST-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. MDJST-24Y)
[1] NOMINAL VOLTAGE
12: 12 V DC
24: 24 V DC
48: 48 V DC
[2] STATUS INDICATOR
A1: Monitor LED
A2: Monitor LED and alarm output
Y: None
GENERAL SPECIFICATIONS
Construction: Plug-in
Surge protection type: Surge energy limiting type
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Status indicator
Monitor LED: Green, activated by Check button
ON in normal operating
OFF in degradation of the voltage limiter or battery
discharged
Degradation judged: When the leakage current at the
voltage limiter exceeds approx. 50 μA. 1 V or more is
necessary for the signal (line to line) voltage.
Check button: Push button; momentary
Alarm output: Open collector
28 V DC @ 100 mA (resistive load)
OFF in normal conditions
ON in degradation of the voltage limiter or
battery discharged
Saturation voltage 3.5 V DC
Battery: Lithium-metal battery (model: ER3N4); Non-
rechargeable and non-replaceable
Battery life: 10 years (when used ≤ 2 minutes/month)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail; Standard Rack Mounting
Frame BX-16H available
Weight: 230 g. (0.51 lb)


Similar Part No. - MDJST

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MDJ-004-FS-PG4 ADAM-TECH-MDJ-004-FS-PG4 Datasheet
84Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-004-FS-SMT ADAM-TECH-MDJ-004-FS-SMT Datasheet
89Kb / 1P
MINI DIN 4 POSITION
MDJ-006-FS-SL-HT ADAM-TECH-MDJ-006-FS-SL-HT Datasheet
84Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-006-FS-SL-SMTA ADAM-TECH-MDJ-006-FS-SL-SMTA Datasheet
132Kb / 1P
MINI DIN 6 POSITION RIGHT ANGLE
MDJ-008 ADAM-TECH-MDJ-008 Datasheet
171Kb / 1P
MINI DIN JACKS RIGHT ANGLE PCB MOUNT
More results

Similar Description - MDJST

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPA24 MSYSTEM-MDPA24 Datasheet
133Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com