Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDCATA Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MDCATA
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDCATA Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MDCATA Datasheet HTML 1Page - M-System Co.,Ltd. MDCATA Datasheet HTML 2Page - M-System Co.,Ltd. MDCATA Datasheet HTML 3Page - M-System Co.,Ltd. MDCATA Datasheet HTML 4Page - M-System Co.,Ltd. MDCATA Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: MDCAT-A
MDCAT-A SPECIFICATIONS
ES-8165 Rev.1 Page 4/5
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm [inch]
• When mounting, no extra space is needed between units.
38 [1.50]
DIN RAIL
(35mm wide)
(3 [.12])
11
[.43]
50 [1.97]
7.3 [.29]
MODULAR JACK,
SURGE SIDE
MODULAR JACK,
PROTECTED SIDE
SHIELD TERMINAL (SHLD)
■ UNIT
■ DIN RAIL
2-M3 SCREW
EARTH TERMINAL (G)
SHORTCIRCUIT BAR
35 [1.38]
6 [.24] (4.5 [.18] deep)
SCHEMATIC CIRCUITRY
*1. Remove the shortcircuit bar when the LAN cable’s shield wire is floating.
Note: Line to line (PoE): Terminal 1 & 2 to 3 & 6, 4 & 5 to 7 & 8
Line to line (pair): Terminal 1 to 2, 3 to 6, 4 to 5 and 7 to 8
Grounding
RJ-45
Modular Jack
Surge Side
Protected Side
1
2
3
6
4
5
7
8
Shortcircuit Bar
1
2
3
6
4
5
7
8
RJ-45
Modular Jack
※1
SHLD
G
Discharge
Element
Discharge
Element
Discharge
Element
Discharge
Element
Discharge
Element
BAT (green)
CT
ALM (red)
Indicator LEDs
CHK
Check Button
Battery
Life Time Judged,
Indicator Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com