Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDCATA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDCATA
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDCATA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDCATA Datasheet HTML 1Page - M-System Co.,Ltd. MDCATA Datasheet HTML 2Page - M-System Co.,Ltd. MDCATA Datasheet HTML 3Page - M-System Co.,Ltd. MDCATA Datasheet HTML 4Page - M-System Co.,Ltd. MDCATA Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: MDCAT-A
MDCAT-A SPECIFICATIONS
ES-8165 Rev.1 Page 1/5
https://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR ETHERNET
(PoE / 10 BASE-T / 100 BASE-TX / 1000 BASE-T, life monitor)
Functions & Features
• Designed specifically for Ethernet network
• Conforms with 1000 Base-T, PoE and PoE Plus
• LAN cable’s shield wire can be floating or grounding by a
shortcircuit bar
• Pressing CHK (Check) button confirms with LEDs the life
span of the surge protect device
• DIN rail mounting
38 [1.5]
mm [inch]
35 [1.38]
93.5
[3.68]
MODEL: MDCAT-A-[1][2]
ORDERING INFORMATION
• Code number: MDCAT-A-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. MDCAT-A-5E/DR/Q)
[1] CABLE CATEGORY
5E: CAT5e
6: CAT6
[2] OPTIONS (multiple selections)
Single mount DIN rail
blank: Without
/DR: With single mount DIN rail
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
CAUTION
• When this unit is earthed via a DIN rail, use a steel or
copper rail. Oxide film on the surface of an aluminium rail
may lower the electric conductivity between this module
and the ground.
• Single mount DIN rail for option code ‘/DR’ is made of
aluminum. Connect to ground with ground terminal when
this DIN rail is used.
PACKAGE INCLUDES...
LAN cable connected to the protected device (STP, 1 meter)
APPLICABLE NETWORK
10 BASE-T: IEEE 802.3i
100 BASE-TX: IEEE 802.3u
1000 BASE-T: IEEE 802.3ab
PoE: IEEE 802.3af
PoE Plus: IEEE802.3at
GENERAL SPECIFICATIONS
Connection
Ethernet: RJ-45 modular jack
Grounding: M3 screw terminal (torque 0.6 N·m)
or via DIN rail
Screw terminal: Nickel-plated brass
DIN rail material: Aluminum
Housing material: Flame-resistant resin (black)
Indicators: Activated by CHK (Check) button, see the status
table shown below.
•BAT: Green LED
•ALM: Red LED
Life time judged: When the number of discharges of the
discharge element reaches the expected life span.
CHK button: Push button; momentary
Battery: Lithium; No recharge or replacement available.
Battery life: 10 years (when used ≤ 2 minutes/month)
Life status table
BAT
ALM
BATTERY
DISCHARGE
ELEMENT
REPLACEMENT
ON
OFF
Normal
No Need
ON
ON
Normal
Near End
Near
OFF
ON
Normal
End of Life
Immediately
Required
OFF
OFF
Discharged Unable to Judge
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 5 to 95 %RH (non-condensing)
Mounting: DIN Rail (TH35-7.5, 1-mm-thick)
Weight: 160 g (0.35 lb) include the attached LAN cable


Similar Part No. - MDCATA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDCAT MSYSTEM-MDCAT Datasheet
176Kb / 5P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDCAT-NC MSYSTEM-MDCAT-NC Datasheet
115Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDCATNC MSYSTEM-MDCATNC Datasheet
115Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDCATA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com