Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDATL Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDATL
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDATL Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDATL Datasheet HTML 1Page - M-System Co.,Ltd. MDATL Datasheet HTML 2Page - M-System Co.,Ltd. MDATL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MDA-TL
http://www.m-system.co.jp/
MDA-TL SPECIFICATIONS
ES-8205 Rev.1 Page 1/3
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR
ANALOG TELECOM LINE USE
(life monitor)
Functions & Features
•Designed specifically to protect telecommunication
equipment from lightning surges entering through
telecommunication line network
•Absorbing surges only without affecting instrumentation
signal
•Life monitor function helps you to decide when you should
replace the M-RESTER; reduces maintenance and prevents
downtime
•LED display and alarm contact output indicate the
degradation and life span of the surge protection circuits
26 (1.02)
93
(3.66)
mm (inch)
137
(5.39)
LINE
MODEM
MODEL: MDA–TL–[1]
ORDERING INFORMATION
• Code number: MDA-TL-[1]
Specify a code from below for [1].
(e.g. MDA-TL-M)
[1] POWER INPUT
AC Power
M: 85 – 264 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R2: 11 – 27 V DC
(Operational voltage range 11 – 27 V, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
Telecom line: Modular jack or M3.5 screw terminals
(torque 0.8 N·m);
Line screw terminal connection must be handled by
qualified personnel.
Ground: M3.5 screw terminals (torque 0.8 N·m)
Modular jack cord: 6-pole, 2-core
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Alarm indicators
Power: The green LED turns on while the power is
supplied.
Alarm: Tricolor LED (green/amber/red)
•Remains off when the power supply is first turned on.
•Green: The unit has received one or more surges.
•Amber: Replacement is recommended.
•Red: The life span has ended.
Life time judged: When the number of discharges
of the discharge element reaches the expected life span.
Alarm contact: The N.C. contact is on when the life span of
the discharge elements has ended and/or when the power
supply is removed.
Rating: 125 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 125 V AC or 110 V DC
Maximum switching power: 62.5 VA or 30 W
Minimum load: 5 V DC @ 1 mA
INSTALLATION
Power consumption
•AC: Approx. 2 VA at 100 V
Approx. 3 VA at 200 V
Approx. 4 VA at 240 V
•DC: Approx. 1.5 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail; Standard Rack Mounting
Frame BX-16H available
Weight: 150 g (0.33 lbs)
PERFORMANCE
Discharge voltage (peak voltage)
Line to line: ±190 V min.
Line to ground: ±180 V min.
Maximum surge voltage
Line to line: ±500 V max.
Line to ground: ±900 V max.
(The maximum voltage that could pass through M-RESTER.
Protected equipment must be able to withstand this voltage
for very short time period.)
Response time: ≤ 0.01 μsec.
Leakage current:
Line to line: ≤ 100 μA @ ±160 V DC


Similar Part No. - MDATL

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MDATA0 FUJITSU-MDATA0 Datasheet
1Mb / 18P
FM3 MB9B100 Series
MDATA1 FUJITSU-MDATA1 Datasheet
1Mb / 18P
FM3 MB9B100 Series
MDATA10 FUJITSU-MDATA10 Datasheet
1Mb / 18P
FM3 MB9B100 Series
MDATA11 FUJITSU-MDATA11 Datasheet
1Mb / 18P
FM3 MB9B100 Series
MDATA12 FUJITSU-MDATA12 Datasheet
1Mb / 18P
FM3 MB9B100 Series
More results

Similar Description - MDATL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com