Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDATL Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDATL
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDATL Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDATL Datasheet HTML 1Page - M-System Co.,Ltd. MDATL Datasheet HTML 2Page - M-System Co.,Ltd. MDATL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MDA-TL
http://www.m-system.co.jp/
MDA-TL SPECIFICATIONS
ES-8205 Rev.1 Page 2/3
Line to ground: ≤ 100 μA @ ±160 V DC
Discharge current capacity
Modular jack connection: 500 A (8 / 20 μsec.)
Screw terminal connection: 10000 A (8 / 20 μsec.)
Maximum load current: 200 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
(surge protector circuit to alarm output to power)
Dielectric strength: 2000 V AC @ 1 minute (surge protector
circuit to power to alarm output to ground)
Internal series resistance: Approx. 4 Ω including return
Maximum line voltage: ±160 V DC
Frequency band: Approx. 100 kHz/-3 dB at 600 Ω
terminating resistance
EXTERNAL VIEW
MODEM
Modular Jack
LINE
Modular Jack
MODEM
LINE
ALARM LED
PWR LED
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and ground or metallic
housing of equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
1
2
3
4
7
6
8
5
26 (1.02)
107 (4.21)
26 (1.02)
15
(.59)
2–4.5 (.18)
HOLE
15 (.59) deep
DIN RAIL
35mm wide
[3.3 (.13)]
8–M3.5
SCREW
CLAMP
(top & bottom)
137 (5.39)
•When mounting, no extra space is needed between units.
7.8 (.31)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com