Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7JS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MD7JS
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD7JS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MD7JS Datasheet HTML 1Page - M-System Co.,Ltd. MD7JS Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: MD7JS
MD7JS SPECIFICATIONS
ES-8064 Rev.6 Page 1/2
https://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR SELF-SYNCH
(ultra-slim)
Functions & Features
• High discharge current capacity 20 kA (8 / 20 μs), 1 kA (10
/ 350 μs)
• Ultra-thin 7-mm-wide module can be mounted
in high density
• Excellent protection employing multi-stage SPD circuits
• DIN rail mounting and grounding
• Shield terminal provided
• Protects self-synch transmitters and converters
7 [.28]
98
[3.86]
mm [inch]
95
[3.74]
MODEL: MD7JS[1]
ORDERING INFORMATION
• Code number: MD7JS[1]
Specify a code from below for [1].
(e.g. MD7JS/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
GENERAL SPECIFICATIONS
Construction: Slim-sized front terminal structure
Degree of protection: IP20
Connection: Euro terminal block (torque 0.3 N·m)
Applicable wire size: 0.2 – 2.5 mm2, stripped length 8 mm
Grounding: DIN Rail
Housing material: Flame-resistant resin (black)
INSTALLATION
Operating temperature: -25 to +55°C (-13 to +131°F)
(-5 to +40°C or 23 to 104°F, 30 to 80 % RH non-condensing,
for EU conformity.)
Operating humidity: 30 to 90 % RH (non-condensing)
(-5 to +40°C or 23 to 104°F, 30 to 80 % RH non-condensing,
for EU conformity.)
Mounting: DIN Rail (TH35-7.5, 1-mm-thick)
Oxide film on the surface of an aluminium DIN rail may
lower the electric conductivity between this module and the
ground. Use a steel or copper rail.
Weight: 70 g (2.5 oz)
PERFORMANCE
Max. continuous operating voltage (Uc):
Line to line: ±130 V
Line to earth: ±160 V
Voltage protection level (Up) @ 6 kV (1.2 / 50 μs)
Line to line: ±450 V
Line to earth: ±800 V
Response time:
Line to line: ≤ 4 nsec.
Line to earth: ≤ 20 nsec.
Leakage current @ Uc:
Line to line: ≤ 20 μA
Line to earth: ≤ 5 μA
Max. discharge current (Imax): 20 kA (8 / 20 μs); 1.0 kA (10
/ 350 μs)
Nominal current (IN): 500 mA
Internal series resistance: 2 Ω ±10 % per line
Surge protection: IEC 61643-21 Categories C1, C2, D1
EN 61643-21 Categories C1, C2, D1
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61643-21
RoHS Directive


Similar Part No. - MD7JS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MD7 RECTRON-MD7 Datasheet
26Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON MINI BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
logo
Central Semiconductor C...
MD7000 CENTRAL-MD7000 Datasheet
54Kb / 1P
Dual Transistors
MD7000 CENTRAL-MD7000 Datasheet
54Kb / 1P
Dual Transistors
logo
Won-Top Electronics
MD7000 WTE-MD7000 Datasheet
32Kb / 2P
70A MOTOROLA TYPE PRESS-FIT DIODE
logo
Central Semiconductor C...
MD7001 CENTRAL-MD7001 Datasheet
54Kb / 1P
Dual Transistors
More results

Similar Description - MD7JS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com