Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7JS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MD7JS
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD7JS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MD7JS Datasheet HTML 1Page - M-System Co.,Ltd. MD7JS Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: MD7JS
MD7JS SPECIFICATIONS
ES-8064 Rev.6 Page 2/2
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
8
6
5
4
1
2
3
7
4
1
5
2
6
3
8
7
7
[.28]
98 [3.86]
(1.5 [.06])
8–M3 EURO
TERMINAL
DIN RAIL
(35 mm wide)
DIN RAIL
ADAPTOR
WIRE INSERTION ANGLE: approx. 20°
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Protected Side
Surge Side
M-RESTER
5
2
6
3
7
8
DISCHARGE
ELEMENT
4
5
6
8
4
1
2
3
7
1
Surge Side
Protected Side
M-RESTER
DIN RAIL ADAPTOR
(for grounding)
DIN RAIL
DIN RAIL ADAPTOR
(for grounding)
DIN RAIL
DISCHARGE
ELEMENT
Self-synch Transmitter
*1. Oxide coating of an aluminium rail may lower the electric conductivity between this module and the ground. Use a steel or copper rail.
*2. Be sure to ground the DIN rail. Recommended grounding resistance ≤100 Ω
*3. Cross-wire between the DIN rail and the metal housing of the protected device to equalize the earth potential.
Ground only the surge protector when the protected device has no ground terminal.
S2
S1
S3
DISCHARGE
ELEMENT
DISCHARGE
ELEMENT
INPUT
–
U
V
+
OUTPUT
POWER
(Protected Device)
U
V
u
v
Surge Protector
for Power Supply
G
S3
S2
S1
R1
R2
SELF-
SYNCH
u
v
U
V
Surge Protector
for Power Supply
G
POWER
Grounding*2
Grounding*2
Crossover Wire
*3
Crossover Wire*3
*1
*1
Series Resistance
Series Resistance
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com