Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP2K5 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MIP2K5
Description  High-Performance IPD for Battery Chargers MIP2Kx Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP2K5 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MIP2K5 Datasheet HTML 1Page - Panasonic Semiconductor MIP2K5 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Comparison data of conduction noise
Featuring built-in frequency jitter necessary for EMI, while also conserving power
during standby!
High-Performance IPD for Battery Chargers MIP2Kx Series
Overview
MIP2Kx series is a high-performance IPD designed for 15W battery
chargers and featuring built-in frequency jitter function at PWM
control. It features built-in protection circuits necessary for compact
power source charger circuitry. This allows a significant reduction in
externally connected parts. It provides PWM control when a normal
load is applied and intermittent control with low load. This results in
greater efficiency for very low to maximum loads, while also
conserving power during standby.
DIP7-A1
Unit : mm
Feature
• Built-in jitter function
• Built-in charge protection circuit
Built-in overheating, load shorting and overvoltage protection
circuits
Applications
Chargers (for DSC, etc.), AC adapter
New publication, effective from 1 Oct. 2008
M00852BE
Lineup
MIP2K4(with jitter function)
Decentralized pulse by jitter function → Lower the avarage
×
Average
Peak
MIP2F4(without jitter function)
Source
8
Source
7
⎯
6
Drain
5
V
CC
4
CL
3
FB
2
V
DD
1
Pin Name
Pin No.
5
Ω
1.0A
Up to 13W
MIP2K5 *2
7
Ω
0.70A
Up to 10W
MIP2K4
10
Ω
0.50A
Up to 8W
MIP2K3
260Hz
5.5kHz
100kHz
16.5
Ω
0.35A
700V
Up to 5W
MIP2K2 *2
fM
∆f
fosc
R(DS)ON
ILIMIT
VDSS
Characteristic
Output *1
Type No.
*1 The electric power mentioned above depends on the transformer specification and ambient conditions. The information should be used only as a guide.
When using it within a case, output electric power may be decided by heat of IPD.
*2 All characteristic values are only for reference (still under development).


Similar Part No. - MIP2K5

ManufacturerPart #DatasheetDescription
logo
AG Electronica
MIP2K2 AGELECTRONICA-MIP2K2 Datasheet
657Kb / 2P
High-Performance IPD for Battery Chargers MIP2Kx Series
1 Oct. 2008
MIP2K4 AGELECTRONICA-MIP2K4 Datasheet
660Kb / 2P
High-Performance IPD for Battery Chargers MIP2Kx Series
1 Oct. 2008
More results

Similar Description - MIP2K5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
Battery monitor for Nicd and NiMH chargers
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
Battery monitor for Nicd and NiMH chargers
May 1993
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647 Datasheet
161Kb / 24P
Chemistry-Independent Battery Chargers
19-1158; Rev 0; 12/96
logo
Panasonic Semiconductor
MIP2C2 PANASONIC-MIP2C2 Datasheet
84Kb / 3P
MIP2C2 High-Performance IPD for Battery Chargers
logo
Maxim Integrated Produc...
MAX17005A MAXIM-MAX17005A Datasheet
304Kb / 23P
1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 10/08
logo
Rohm
BD5650AFVM ROHM-BD5650AFVM Datasheet
355Kb / 12P
Power Management ICs for Battery Chargers
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONTROLLER FOR BATTERY CHARGERS
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
BATTERY CHARGERS
logo
Mitsumi Electronics, Co...
DTC-S1P MITSUMI-DTC-S1P Datasheet
157Kb / 2P
AC Chargers for Li-ion Battery Pack
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
Chemistry-Independent Battery Chargers
2002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com