Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1647 Datasheet (PDF) - Maxim Integrated Products

MAX1647 Datasheet PDF - Maxim Integrated Products
Part # MAX1647
Download  MAX1647 Download
File Size   161.36 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Chemistry-Independent Battery Chargers

MAX1647 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1647 Datasheet PDF - Maxim Integrated Products

Part # MAX1647
Download  MAX1647 Click to download

File Size   161.36 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Chemistry-Independent Battery Chargers

MAX1647 Datasheet (HTML) - Maxim Integrated Products


MAX1647 Product details

General Description

The MAX1647/MAX1648 provide the power control necessary to charge batteries of any chemistry. In the MAX1647, all charging functions are controlled via the Intel System Management Bus (SMBus™) interface. The SMBus 2-wire serial interface sets the charge voltage and current, and provides thermal status information. The MAX1647 functions as a level 2 charger, compliant with the Duracell/Intel Smart Battery Charger Specification. The MAX1648 omits the SMBus serial interface, and instead sets the charge voltage and current proportional to the voltage applied to external control pins.



Features

♦ Charges Any Battery Chemistry:

  Li-Ion, NiCd, NiMH, Lead Acid, etc.

♦ Intel SMBus 2-Wire Serial Interface (MAX1647)

♦ Intel/Duracell Level 2 Smart Battery Compliant (MAX1647)

♦ 4A, 2A, or 1A Maximum Battery-Charge Current

♦ 11-Bit Control of Charge Current

♦ Up to 18V Battery Voltage

♦ 10-Bit Control of Voltage

♦ ±0.75% Voltage Accuracy with External ±0.1% Reference

♦ Up to 28V Input Voltage

♦ Battery Thermistor Fail-Safe Protection



Applications

Notebook Computers

Personal Digital Assistants

Charger Base Stations

Phones



 




Similar Part No. - MAX1647

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647 Datasheet
333Kb / 25P
Chemistry-Independent Battery Chargers
2002
MAX1647EAP MAXIM-MAX1647EAP Datasheet
333Kb / 25P
Chemistry-Independent Battery Chargers
2002
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
Chemistry-Independent Battery Chargers
2002
More results


Similar Description - MAX1647

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1644 MAXIM-MAX1644 Datasheet
183Kb / 32P
Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
19-1566; Rev 0a; 10/99
MAX1645 MAXIM-MAX1645 Datasheet
330Kb / 32P
Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
MAX1667 MAXIM-MAX1667 Datasheet
225Kb / 28P
Chemistry-Independent, Level 2 Smart Battery Charger
19-1488; Rev 0; 7/99
MAX1645B MAXIM-MAX1645B Datasheet
357Kb / 32P
Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
BATTERY CHARGERS
logo
Shanghai Consonance Ele...
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
Multi-Chemistry Battery Charger
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
Chemistry-Independent Battery Chargers
2002
MAX1667 MAXIM-MAX1667_V01 Datasheet
307Kb / 26P
Chemistry-Independent, Level 2 Smart Battery Charger
2003
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com