Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1644 Datasheet (PDF) - Maxim Integrated Products

MAX1644 Datasheet PDF - Maxim Integrated Products
Part # MAX1644
Download  MAX1644 Download
File Size   183.5 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting

MAX1644 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1644 Datasheet PDF - Maxim Integrated Products

Part # MAX1644
Download  MAX1644 Click to download

File Size   183.5 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting

MAX1644 Datasheet (HTML) - Maxim Integrated Products


MAX1644 Product details

General Description
The MAX1644 constant-off-time, PWM step-down DC-DC converter is ideal for use in applications such as PC cards, CPU daughter cards, and desktop computer bus-termination boards. The device features internal synchronous rectification for high efficiency and reduced component count. It requires no external Schottky diode. The internal 0.10Ω PMOS power switch and 0.10Ω NMOS synchronous-rectifier switch easily deliver continuous load currents up to 2A. The MAX1644 produces a preset +3.3V or +2.5V output voltage or an adjustable output from +1.1V to VIN. It achieves efficiencies as high as 95%.

Features
♦ ±1% Output Accuracy
♦ 95% Efficiency
♦ Internal PMOS and NMOS Switches
    70mΩ On-Resistance at VIN = +4.5V
    100mΩ On-Resistance at VIN = +3V
♦ Output Voltage
    +3.3V or +2.5V Pin-Selectable
    +1.1V to VIN Adjustable
♦ +3V to +5.5V Input Voltage Range
♦ 360µA (max) Operating Supply Current
♦ < 1µA Shutdown Supply Current
♦ Programmable Constant-Off-Time Operation
♦ 350kHz (max) Switching Frequency
♦ Idle Mode Operation at Light Loads
♦ Thermal Shutdown
♦ Adjustable Soft-Start Inrush Current Limiting
♦ 100% Duty Cycle During Low-Dropout Operation
♦ Output Short-Circuit Protection
♦ 16-Pin SSOP Package

Applications
    +5V to +3.3V/+2.5V Conversion
    CPU I/O Supply
    +3.3V PC Card and CardBus Applications
    Notebook and Subnotebook Computers
    Desktop Bus-Termination Boards
    CPU Daughter Card Supply




Similar Part No. - MAX1644

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1644 MAXIM-MAX1644 Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1644EAE MAXIM-MAX1644EAE Datasheet
137Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A February 11, 2002
MAX1644EAE MAXIM-MAX1644EAE Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1644EAE+ MAXIM-MAX1644EAE+ Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
More results


Similar Description - MAX1644

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1511 LINER-LT1511 Datasheet
145Kb / 16P
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
logo
Maxim Integrated Produc...
MAX1645 MAXIM-MAX1645 Datasheet
330Kb / 32P
Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
MAX1647 MAXIM-MAX1647 Datasheet
161Kb / 24P
Chemistry-Independent Battery Chargers
19-1158; Rev 0; 12/96
MAX1667 MAXIM-MAX1667 Datasheet
225Kb / 28P
Chemistry-Independent, Level 2 Smart Battery Charger
19-1488; Rev 0; 7/99
MAX1645B MAXIM-MAX1645B Datasheet
357Kb / 32P
Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
logo
Texas Instruments
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
BQ24747 TI-BQ24747 Datasheet
1Mb / 36P
SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator and Charge Enable Pin
logo
Linear Technology
LT1769 LINER-LT1769_15 Datasheet
242Kb / 16P
Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
Chemistry-Independent Battery Chargers
2002
MAX1667 MAXIM-MAX1667_V01 Datasheet
307Kb / 26P
Chemistry-Independent, Level 2 Smart Battery Charger
2003
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com