Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1645 Datasheet (PDF) - Maxim Integrated Products

MAX1645 Datasheet PDF - Maxim Integrated Products
Part # MAX1645
Download  MAX1645 Download
File Size   330.98 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting

MAX1645 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1645 Datasheet PDF - Maxim Integrated Products

Part # MAX1645
Download  MAX1645 Click to download

File Size   330.98 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting

MAX1645 Datasheet (HTML) - Maxim Integrated Products


MAX1645 Product details

General Description
The MAX1645 are high-efficiency battery chargers capable of charging batteries of any chemistry type. It uses the Intel System Management Bus (SMBus) to control voltage and current charge outputs.
When charging lithium-ion (Li+) batteries, the MAX1645 automatically transition from regulating current to regulating voltage. The MAX1645 can also limit line input current so as not to exceed a predetermined current drawn from the DC source. A 175s charge safety timer prevents “runaway charging” should the MAX1645 stop receiving charging voltage/ current commands.
The MAX1645 employs a next-generation synchronous buck control circuity that lowers the minimum input-to-output voltage drop by allowing the duty cycle to exceed 99%. The MAX1645 can easily charge one to four series Li+ cells.

Features
♦ Input Current Limiting
♦ 175s Charge Safety Timeout
♦ 128mA Wake-Up Charge
♦ Charges Any Chemistry Battery: Li+, NiCd, NiMH, Lead Acid, etc.
♦ Intel SMBus 2-Wire Serial Interface
♦ Compliant with Level 2 Smart Battery Charger Spec Rev. 1.0
♦ +8V to +28V Input Voltage Range
♦ Up to 18.4V Battery Voltage
♦ 11-Bit Battery Voltage Setting
♦ ±0.8% Output Voltage Accuracy with Internal Reference
♦ 3A max Battery Charge Current
♦ 6-Bit Charge Current Setting
♦ 99.99% max Duty Cycle for Low-Dropout Operation
♦ Load/Source Switchover Drivers
♦ >97% Efficiency

Applications
   Notebook Computers
   Point-of-Sale Terminals
   Personal Digital Assistants




Similar Part No. - MAX1645

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1645B MAXIM-MAX1645B Datasheet
357Kb / 32P
Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
MAX1645BEEI MAXIM-MAX1645BEEI Datasheet
357Kb / 32P
Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
MAX1645EEI MAXIM-MAX1645EEI Datasheet
183Kb / 32P
Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
19-1566; Rev 0a; 10/99
More results


Similar Description - MAX1645

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1511 LINER-LT1511 Datasheet
145Kb / 16P
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
logo
Maxim Integrated Produc...
MAX1644 MAXIM-MAX1644 Datasheet
183Kb / 32P
Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
19-1566; Rev 0a; 10/99
MAX1647 MAXIM-MAX1647 Datasheet
161Kb / 24P
Chemistry-Independent Battery Chargers
19-1158; Rev 0; 12/96
MAX1667 MAXIM-MAX1667 Datasheet
225Kb / 28P
Chemistry-Independent, Level 2 Smart Battery Charger
19-1488; Rev 0; 7/99
MAX1645B MAXIM-MAX1645B Datasheet
357Kb / 32P
Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
logo
Texas Instruments
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
BQ24747 TI-BQ24747 Datasheet
1Mb / 36P
SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator and Charge Enable Pin
logo
Leshan Radio Company
LR1084 LRC-LR1084_12 Datasheet
282Kb / 11P
Current Limiting and Thermal Protection Battery Chargers
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
Chemistry-Independent Battery Chargers
2002
MAX1667 MAXIM-MAX1667_V01 Datasheet
307Kb / 26P
Chemistry-Independent, Level 2 Smart Battery Charger
2003
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com