Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTS64K Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 17Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 18Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 19Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 20Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 21Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 22Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 23Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 24Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
FTS64K Block User Guide — Version V01.00
21
The FSEC register is loaded from the Flash Protection/Options field byte at $FF0F during the reset
sequence, indicated by “F” in Figure 3-3.
KEYEN — Enable backdoor key to security.
1 = backdoor to Flash is enabled.
0 = backdoor to Flash is disabled.
NV[6:2] — Non Volatile Flag Bits.
These 5 bits are available to the user as non-volatile flags.
SEC[1:0] — Memory Security Bits.
The SEC[1:0] bits define the security state of the device as shown in Table 3-4. If the Flash is
unsecured using the Backdoor Key Access, the SEC bits are forced to 10.
The security function in the Flash module is described in section 4.5.
3.3.3 RESERVED1
This register is reserved and is not accessible to the user.
Register address BASE + $102
Figure 3-4 RESERVED 1
Table 3-4 Security States
SEC[1:0]
Description
00
secured
01
secured
10
unsecured
11
secured
76543210
R
00000000
W
Reset:
00000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com