Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTS64K Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 19Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 20Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 21Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 22Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 23Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 24Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 25Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 26Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
FTS64K Block User Guide — Version V01.00
23
The FPROT register is readable in user and special modes. Bit NV6 is not writable. FPOPEN, FPHDIS
and FPLDIS bits in the FPROT register can only be written to the protected state (i.e. 0). FPLS[1:0] can
be written anytime until bit FPLDIS is cleared. FPHS[1:0] bits can be written anytime until bit FPHDIS is
cleared. If the FPOPEN bit is cleared, then the state of the FPHDIS, FPHS[1:0], FPLDIS and FPLS[1:0]
bits is irrelevant. The FPROT register is loaded from Flash address $FF0D during reset.
To change the Flash protection that will be loaded on reset, the upper sector of Flash must be unprotected,
then the Flash Protect/Security byte located as described in Table 3-1 must be written to.
A protected Flash sector is disabled by the bits FPHDIS and FPLDIS while the size of the protected sector
is defined by FPHS[1:0] and FPLS[1:0] in the FPROT register.
Trying to alter any of the protected areas will result in a protect violation error and bit PVIOL will be set
in the Flash Status Register FSTAT. A mass erase of the whole Flash block is only possible when
protection is fully disabled by setting FPLDIS and FPHDIS bits.
FPOPEN — Opens the Flash for program or erase.
1 = The Flash sectors not protected are enabled for program or erase.
0 = The whole Flash array is protected. In this case the FPHDIS, FPHS[1:0], FPLDIS and
FPLS[1:0] bits within the protection register are don’t care.
FPHDIS — Flash Protection Higher address range Disable.
The FPHDIS bit determines whether there is a protected area in the higher space of the Flash address map.
1 = Protection disabled.
0 = Protection enabled.
FPHS[1:0] — Flash Protection Higher Address Size.
The FPHS[1:0] bits determine the size of the protected sector. Refer to Table 3-5.
FPLDIS — Flash Protection Lower address range Disable.
The FPLDIS bit determines whether there is a protected sector in the lower space of the Flash address map.
1 = Protection disabled.
0 = Protection enabled.
FPLS[1:0] — Flash Protection Lower Address Size.
The FPLS[1:0] bits determine the size of the protected sector. Refer to Table 3-6.
Table 3-5 Flash Higher Address Range Protection
FPHS
Protected
Address
Range
Protected Size
00
see Table 3-2
2K bytes
01
4K
10
8K
11
16K
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com