Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R0.3512VIP Datasheet(PDF) 3 Page - STMicroelectronics

Part # GS-R0.3512VIP
Description  DC/DC STEP SOWN POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R0.3512VIP Datasheet(HTML) 3 Page - STMicroelectronics

  GS-R0.3512VIP Datasheet HTML 1Page - STMicroelectronics GS-R0.3512VIP Datasheet HTML 2Page - STMicroelectronics GS-R0.3512VIP Datasheet HTML 3Page - STMicroelectronics GS-R0.3512VIP Datasheet HTML 4Page - STMicroelectronics GS-R0.3512VIP Datasheet HTML 5Page - STMicroelectronics GS-R0.3512VIP Datasheet HTML 6Page - STMicroelectronics GS-R0.3512VIP Datasheet HTML 7Page - STMicroelectronics GS-R0.3512VIP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
GS-RXXX12
Table 1. Electrical Characteristics (Tamb=25
)C, unless otherwise specified.)
AGENCY APPROVALS
The safety and EMI compliance has to be assured by the user.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vi
Input Voltage
Output Power 1.8W, 4.5W and 12W
100
370
Vdc
Vo1
Output Voltage
Vi = 100 to 370 Vdc for 4.5W and 12W
-12.6
-12
-11.4
V
Vo2
Output Voltage
Vi = 100 to 370 Vdc for 1.8W
-10.8
-12
-13.2
V
Io1
Output Current
Vi = 100 to 370 Vdc for 1.8W
0.15
A
Io2
Output Current
Vi = 100 to 370 Vdc for 4.5W
0.35
A
Io3
Output Current
Vi = 100 to 370 Vdc for 12W
1
A
Vor
Output Ripple
Vi = 100 to 370 Vdc
5%
mVpp
Iosc
Output short circuit current
Vi = 100 to 370 Vdc
Hiccup Mode
A
n
Efficiency
Vi = 100 to 370 Vdc
Io=0.15 A for 1.8W
70
%
n
Efficiency
Vi = 100 to 370 Vdc
Io=0.35 A for 4.5W
80
%
n
Efficiency
Vi = 100 to 370 Vdc
Io=1 A for 12W
83
%
P stand by Power losses in no load
condition
Vi = 320 Vdc
Io = 0 mA
0.3
W
Iir
Inrush input current
Vi = 320 Vdc
30
A
Top
Operating Ambient
Temperature
070
°C
Tstg
Storage Temperature Range
-20
85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com