Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R0.3512VIP Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-R0.3512VIP
Description  DC/DC STEP SOWN POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R0.3512VIP Datasheet(HTML) 1 Page - STMicroelectronics

  GS-R0.3512VIP Datasheet HTML 1Page - STMicroelectronics GS-R0.3512VIP Datasheet HTML 2Page - STMicroelectronics GS-R0.3512VIP Datasheet HTML 3Page - STMicroelectronics GS-R0.3512VIP Datasheet HTML 4Page - STMicroelectronics GS-R0.3512VIP Datasheet HTML 5Page - STMicroelectronics GS-R0.3512VIP Datasheet HTML 6Page - STMicroelectronics GS-R0.3512VIP Datasheet HTML 7Page - STMicroelectronics GS-R0.3512VIP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
GS-RXXX12
December 2004
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
Rev. 1
FEATURES
MODULE DC/DC STEP DOWN SINGLE
OUTPUT
WIDE RANGE INPUT VOLTAGE 100÷370 Vdc
OUTPUT POWER 1.8W, 4.5W OR 12W MAX
OUTPUT VOLTAGE PRECISION 5% FOR
4.5W AND 12W
OUTPUT VOLTAGE PRECISION 10% FOR
1.8W
OUTPUT SHORT CIRCUIT PROTECTION
DESCRIPTION
The DC/DC module is a high efficiency DC/DC not in-
sulated switch mode constant voltage generator.
Designed for industrial application where low voltag-
es are required from main.
Step down converter performs a max 1.8W, 4.5 W
and 12W power conversion.
The output voltages and current level are set up by
design in accordance with customer requirements.
Typical reference values for the shelf solution are:
-single output -12V, ±10%, 0.15A for 1.8W;
-single output -12V, ±5%, 0.35A for 4.5W;
-single output -12V, ±5%, 1A for 12W.
Power Module VIP 1.8W
Power Module VIP 4.5W
Power Module SM 12W
PRELIMINARY DATA
DC/DC STEP DOWN POWER SUPPLY


Similar Part No. - GS-R0.3512VIP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R1005 STMICROELECTRONICS-GS-R1005 Datasheet
87Kb / 7P
50W STEP-DOWN SWITCHING REGULATOR
Jun-1994
GS-R1012 STMICROELECTRONICS-GS-R1012 Datasheet
88Kb / 7P
120W STEP-DOWN SWITCHING REGULATOR
Jun-1994
GS-R120001.5 STMICROELECTRONICS-GS-R120001.5 Datasheet
62Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R120181.5 STMICROELECTRONICS-GS-R120181.5 Datasheet
62Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R120251.5 STMICROELECTRONICS-GS-R120251.5 Datasheet
62Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
More results

Similar Description - GS-R0.3512VIP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPDC400-4W STMICROELECTRONICS-SPDC400-4W Datasheet
433Kb / 10P
DC-DC step down power supply
11-Oct-2007
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
DC/DC Power Supply
logo
MORNSUN Science& Techno...
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3 Datasheet
339Kb / 6P
DC/DC Power Supply Module
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3_15 Datasheet
1Mb / 6P
DC/DC Power Supply Module
URH2405P-6WR3 MORNSUN-URH2405P-6WR3_15 Datasheet
263Kb / 4P
DC/DC Power Supply Module
logo
XFMRS Inc.
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
DC POWER SUPPLY
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
DC POWER SUPPLY
logo
Shanghai Leiditech Elec...
AP2305GN LEIDITECH-AP2305GN Datasheet
563Kb / 3P
Power Supply DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com