Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM386-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM386-S08-R
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM386-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LM386-S08-R Datasheet HTML 1Page - Unisonic Technologies LM386-S08-R Datasheet HTML 2Page - Unisonic Technologies LM386-S08-R Datasheet HTML 3Page - Unisonic Technologies LM386-S08-R Datasheet HTML 4Page - Unisonic Technologies LM386-S08-R Datasheet HTML 5Page - Unisonic Technologies LM386-S08-R Datasheet HTML 6Page - Unisonic Technologies LM386-S08-R Datasheet HTML 7Page - Unisonic Technologies LM386-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM386
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R107-007.H
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
15
V
Input Voltage
VIN
-0.4V ~ +0.4V
V
DIP-8
1250
SOP-8
600
Power Dissipation
TSSOP-8
PD
600
mW
Operating Temperature
TOPR
-20 ~ +85
°C
Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note:1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The device
could be damaged beyond Absolute maximum ratings.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Operating Supply Voltage
Vss
4
12
V
Quiescent Current
IQ
Vss=6V, VIN=0
4
8
mA
Vss=6V, RL=8Ω, THD=10%
250
325
Output Power
POUT
Vss=9V, RL=8Ω, THD=10%
500
700
mW
Voltage Gain
GV
Vss=6V, f=1kHz
10
μF from pin 1 to pin 8
26
46
dB
dB
Bandwidth
BW
Vss=6V , Pin1 and pin 8 open
300
kHz
Total Harmonic Distortion
THD
POUT=125mW, Vs=6V,f=1kHz
RL=8Ω pin1 and pin 8 open
0.2
%
Rejection Ratio
RR
Vss=6V, f=1kHz, CBYPASS=10μF
pin1and pin 8 open, Referred to output
50
dB
Input Resistance
RIN
50
k
Ω
Input Bias Current
IBIAS
Vss=6V Pin2 and pin 3 open
250
nA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com