Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM386-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM386-S08-R
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM386-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM386-S08-R Datasheet HTML 1Page - Unisonic Technologies LM386-S08-R Datasheet HTML 2Page - Unisonic Technologies LM386-S08-R Datasheet HTML 3Page - Unisonic Technologies LM386-S08-R Datasheet HTML 4Page - Unisonic Technologies LM386-S08-R Datasheet HTML 5Page - Unisonic Technologies LM386-S08-R Datasheet HTML 6Page - Unisonic Technologies LM386-S08-R Datasheet HTML 7Page - Unisonic Technologies LM386-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO.,
LM386
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co.,
QW-R107-007.H
LOW VOLTAGE AUDIO POWER
AMPLIFIER
DESCRIPTION
The UTC LM386 is a power amplifier, designed for use in low voltage
consumer applications. The gain is internally set to 20 to keep external
part count low, but the addition of an external resistor and capacitor
between pin 1 and pin 8 will increase the gain to any value up from 20 to
200.
The inputs are ground referenced while the output automatically biases
to one-half the supply voltage. The quiescent power drain is only 24
milliwatts when operating from a 6 voltage supply, making the LM386
ideal for battery operation.
FEATURES
*Battery Operation
*Minimum External Parts
*Wide Supply Voltage Range: 4V~12V
*Low Quiescent Current Drain:4mA
*Voltage Gains:20~200
*Ground Referenced Input
*Self-Centering Output Quiescent Voltage
*Low Distortion:0.2%(Av =20,Vs=6V,RL=8Ω,Po=125mW,f=1kHz)
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
LM386-S08-R
LM386L-S08-R
LM386G-S08-R
SOP-8
Tape Reel
LM386-S08-T
LM386L-S08-T
LM386G-S08-T
SOP-8
Tube
LM386-P08-R
LM386L-P08-R
LM386G-P08-R
TSSOP-8
Tape Reel
LM386-P08-T
LM386L-P08-T
LM386G-P08-T
TSSOP-8
Tube
LM386-D08-T
LM386L-D08-T
LM386G-D08-T
DIP-8
Tube


Similar Part No. - LM386-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM386-S08-R UTC-LM386-S08-R Datasheet
182Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386-S08-R UTC-LM386-S08-R Datasheet
249Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - LM386-S08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602 Datasheet
140Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386 UTC-LM386_11 Datasheet
249Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM386D TGS-LM386D Datasheet
1Mb / 6P
Low Voltage Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com