Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM386L-P08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LM386L-P08-R
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM386L-P08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LM386L-P08-R Datasheet HTML 1Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 2Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 3Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 4Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 5Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 6Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 7Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LM386
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R107-007.H
APPLICATION NOTES
GAIN CONTROL
To make the LM386 a more versatile amplifier, two pins(1and 8) are provided for gain control. With pins 1 and 8
open the 1.35 k
Ω resistor sets the gain at 20(26dB),If a capacitor is put from pin 1 to 8,bypassing the 1.35 kΩ
resistor, the gain will go up to 200(46dB).If a resistor is placed in series with the capacitor, the gain can be set to any
value from 20 to 200.Gain control can also be done by capacitively coupling a resistor (or FET) from pin 1 to ground.
Additional external components can be placed in parallel with the internal feedback resistors to tailor the gain and
frequency response for individual applications. For example we can compensate poor speaker bass response by
frequency shaping the feedback path. This is done with a series RC from pin 1 to 5 (paralleling the internal 15 k
Ω
resistor). For 6 dB effective bass boost: R=15 k
Ω, the lowest value for good stable operation is R=10 kΩ, if pin 8 is
open, If pins 1 and 8 are bypassed then R as low as 2 k
Ω can be used. This restriction is because the amplifier is
only compensated for closed-loop gains greater than 9.
INPUT BIASING
The schematic shows that both inputs are biased to ground with a 50 k
Ω resistor. The base current of the input
transistors is about 250nA, so the inputs are at about 12.5mW when left open. If the dc source resistance driving the
LM386 is higher than 250 k
Ω it will contribute very little additional offset (about 2.5mW at the input, 50mW at the
output).If the dc source resistance is less than 10 k
Ω,then shorting the unused input to ground will keep the offset
low (about 2.5mV at the input,50 mV at the output).For dc source resistances between these values we can
eliminate excess offset by putting a resistor from the unused input to ground, equal in value to the dc source
resistance. Of course all offset problems are eliminated if the input is capacitively coupled.
When using the LM386 with higher gains (bypassing the 1.35 k
Ω resistor between pins 1 and 8)it is necessary to
bypass the unused input, preventing degradation of gain and possible instabilities. This is done with a 0.1
μF
capacitor or a short to ground depending on the dc source resistance on the driven input.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com