Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM386L-P08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LM386L-P08-R
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM386L-P08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LM386L-P08-R Datasheet HTML 1Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 2Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 3Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 4Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 5Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 6Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 7Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LM386
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R107-007.H
TYPICAL APPLICATIONS CIRCUIT
+
-
Vs
FROM
DETECTOR
1
2
3
4
5
6
7
8
10KΩ
250μF
+
0.05μF
AM Radio Power
Amplifier
+
10μF
10μF
+
Cc
VOL
10KΩ
R1
C1
2200pF
0.05μF
+
8Ω
SPEAKER
FERRITE
BEAD
47Ω
Note 1: Twist Supply lead and supply ground very tightly.
Note 2: Twist speaker lead and ground very tightly.
Note 3: Ferrite bead in Ferroxcube K5-001-001/3B with 3 turns of wire.
Note 4: R1C1 band limits input signals.
Note 5: All components must be spaced very closely to IC.
47



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com