Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITA6VB1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ITA6VB1
Description  BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ITA6VB1 Datasheet(HTML) 1 Page - STMicroelectronics

  ITA6VB1 Datasheet HTML 1Page - STMicroelectronics ITA6VB1 Datasheet HTML 2Page - STMicroelectronics ITA6VB1 Datasheet HTML 3Page - STMicroelectronics ITA6VB1 Datasheet HTML 4Page - STMicroelectronics ITA6VB1 Datasheet HTML 5Page - STMicroelectronics ITA6VB1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
ITAxxB1
BIDIRECTIONAL TRANSIL™ ARRAY
FOR DATALINE PROTECTION
REV. 1
SO-8
December 2004
MAIN APPLICATIONS
Differential data transmission lines protection,
such as :
■ RS-232
■ RS-423
■ RS-422
■ RS-485
FEATURES
■ High surge capability Transil array:
IPP = 40 A (8/20µs)
■ Peak pulse power : 300 W (8/20µs)
■ Up to 5 bidirectional Transil functions
■ Low clamping factor (VCL / VBR) at high current
level
■ Low leakage current
■ ESD protection up to 15kV
DESCRIPTION
Transil diode arrays provide high overvoltage pro-
tection by clamping action. Their instantaneous re-
sponse to transient overvoltages makes them
particularly suited to protect voltage sensitive de-
vices such as MOS Technology and low voltage
supplied IC’s.
The ITA series combines high surge capability
against energetic pulses with high voltage per-
formance against ESD.
COMPLIES WITH THE FOLLOWING STANDARDS:
■ IEC61000-4-2 level 4:
15kV (air discharge)
8kV
(contact discharge)
■ MIL STD 883E-Method 3015-7: class3
25kV HBM (Human Body Model)
Table 1: Order Codes
Part Number
Marking
ITA6V5B1
6V5B1
ITA6V5B1RL
6V5B1
ITA10B1
10B1
ITA18B1
18B1
ITA18B1RL
18B1
ITA25B1
25B1
ITA25B1RL
25B1
ASD™
Figure 1: Functional Diagram
1
2
3
4
I/O1
I/O2
I/O3
I/O4
GND
GND
8
7
6
5
TM: ASD and TRANSIL are trademarks of STMicroelectronics.


Similar Part No. - ITA6VB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ITA6V1U1 STMICROELECTRONICS-ITA6V1U1 Datasheet
177Kb / 5P
TRANSILTM ARRAY FOR DATALINE PROTECTION
05-Apr-1000
ITA6V1U1 STMICROELECTRONICS-ITA6V1U1 Datasheet
57Kb / 6P
TRANSIL ARRAY FOR DATALINE PROTECTION
13-Dec-2004
ITA6V1U1 STMICROELECTRONICS-ITA6V1U1 Datasheet
90Kb / 8P
Transil array for data line protection
07-Nov-2007
ITA6V1U1RL STMICROELECTRONICS-ITA6V1U1RL Datasheet
57Kb / 6P
TRANSIL ARRAY FOR DATALINE PROTECTION
13-Dec-2004
ITA6V1U1RL STMICROELECTRONICS-ITA6V1U1RL Datasheet
90Kb / 8P
Transil array for data line protection
07-Nov-2007
More results

Similar Description - ITA6VB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ITA6V1U1 STMICROELECTRONICS-ITA6V1U1 Datasheet
177Kb / 5P
TRANSILTM ARRAY FOR DATALINE PROTECTION
05-Apr-1000
ITA6V5B1 STMICROELECTRONICS-ITA6V5B1 Datasheet
149Kb / 5P
BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
05-Apr-1000
ITA6V5B3 STMICROELECTRONICS-ITA6V5B3 Datasheet
72Kb / 6P
BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
05-Apr-1000
ITAXXU1 STMICROELECTRONICS-ITAXXU1 Datasheet
57Kb / 6P
TRANSIL ARRAY FOR DATALINE PROTECTION
13-Dec-2004
ESDA14V2-4BF1 STMICROELECTRONICS-ESDA14V2-4BF1 Datasheet
151Kb / 9P
QUAD BIDIRECTIONAL TRANSIL-TM ARRAY FOR ESD PROTECTION
27-May-2004
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ITAXXB1 STMICROELECTRONICS-ITAXXB1_07 Datasheet
88Kb / 7P
Bidirectional Transil??array for data line protection
15-Nov-2007
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
Quad bidirectional Transil array for ESD protection
18-Apr-2008
ITAXXB3 STMICROELECTRONICS-ITAXXB3 Datasheet
112Kb / 8P
Bidirectional Transil array for data line protection
07-Nov-2007
ESDA14V2-1BF3 STMICROELECTRONICS-ESDA14V2-1BF3 Datasheet
210Kb / 9P
Single-line bidirectional Transil™ array for ESD protection
25-Jun-2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com