Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITA6VB1RL Datasheet(PDF) 3 Page - STMicroelectronics

Part # ITA6VB1RL
Description  BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ITA6VB1RL Datasheet(HTML) 3 Page - STMicroelectronics

  ITA6VB1RL Datasheet HTML 1Page - STMicroelectronics ITA6VB1RL Datasheet HTML 2Page - STMicroelectronics ITA6VB1RL Datasheet HTML 3Page - STMicroelectronics ITA6VB1RL Datasheet HTML 4Page - STMicroelectronics ITA6VB1RL Datasheet HTML 5Page - STMicroelectronics ITA6VB1RL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ITAxxB1
3/6
Figure 2: Pulse waveform
Figure 3: Typical peak pulse power versus
exponential pulse duration
Figure 4: Clamping voltage versus peak pulse
current (exponential waveform 8/20µs)
Figure 5: Peak current IDC inducing open
circuit of the wire for one input/output versus
pulse duration (typical values)
Figure 6: Junction capacitance versus reverse
applied voltage for one input/output (typical
values)
Figure 7: Relative variation of leakage current
versus junction temperature
%IPP
t
10µs
100
50
0
1000µs
Pulse waveform 10/1000µs
PPP(W)
1E-03
1E-02
1E-01
1E+00
1E+01
1E+02
1E+01
1E+02
1E+03
1E+04
Tj initial=25°C
tP(ms) expo
ITA18B1
ITA25B1
ITA6V5B1
ITA10B1
VCL(V)
Tj initial=25°C
IPP(A)
1E+00
1E+01
1E+02
1E+03
1E-01
1E+00
1E+01
1E+02
ITA18B1
ITA25B1
ITA6V5B1
ITA10B1
%IPP
tr
100
50
0
tp
t
IDC(A)
tP(ms)
1E+00
1E+01
1E+02
1E+03
1E-02
1E-01
1E+00
1E+01
Exponential waveform
C(pF)
Tj=25°C
F=1MHz
VR(V)
1E+02
1E+03
1E+00
1E+01
1E+02
ITA18B1
ITA25B1
ITA6V5B1
ITA10B1
5E+3
1E+3
1E+2
1E+1
0
25
50
75
100
125
150
1E+0
1E-1
Tj(°C)
IR(T )
I (T =25°C)
j
Rj
VR=VRM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com