Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITA6VB1RL Datasheet(PDF) 5 Page - STMicroelectronics

Part # ITA6VB1RL
Description  BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ITA6VB1RL Datasheet(HTML) 5 Page - STMicroelectronics

  ITA6VB1RL Datasheet HTML 1Page - STMicroelectronics ITA6VB1RL Datasheet HTML 2Page - STMicroelectronics ITA6VB1RL Datasheet HTML 3Page - STMicroelectronics ITA6VB1RL Datasheet HTML 4Page - STMicroelectronics ITA6VB1RL Datasheet HTML 5Page - STMicroelectronics ITA6VB1RL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ITAxxB1
5/6
Figure 10: SO-8 Package Mechanical Data
Figure 11: Foot Print Dimensions (in millimeters)
E
D
8
4
1
5
H
k
h x 45°
L
C
(Seating
Plane)
0.25mm
(Gage Plane)
e
A
A2
B
A1
ddd C
6.8
4.2
1.27
0.6
Table 5: Ordering Information
Part Number
Marking
Package
Weight
Base qty
Delivery mode
ITA6V5B1
6V5B1
SO-8
0.08 g
2000
Ammopack
ITA6V5B1RL
6V5B1
2500
Tape & reel
ITA10B1
10B1
2000
Ammopack
ITA18B1
18B1
2000
Ammopack
ITA18B1RL
18B1
2500
Tape & reel
ITA25B1
25B1
2000
Ammopack
ITA25B1RL
25B1
2500
Tape & reel
Table 6: Revision History
Date
Revision
Description of Changes
13-Dec-2004
1
First issue
REF.
DIMENSIONS
Millimetres
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
1.75
0.069
a1
0.1
0.25 0.004
0.010
a2
1.65
0.065
a3
0.65
0.85 0.025
0.033
b
0.35
0.48 0.014
0.019
b1
0.19
0.25 0.007
0.010
C
0.25
0.50
0.50 0.010
0.020
c1
45° (typ)
D
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.15
0.157
L
0.4
1.27 0.016
0.050
M0.6
0.024
S8° (max)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com