Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1004 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH1004
Description  High efficiency rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1004 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH1004 Datasheet HTML 1Page - STMicroelectronics STTH1004 Datasheet HTML 2Page - STMicroelectronics STTH1004 Datasheet HTML 3Page - STMicroelectronics STTH1004 Datasheet HTML 4Page - STMicroelectronics STTH1004 Datasheet HTML 5Page - STMicroelectronics STTH1004 Datasheet HTML 6Page - STMicroelectronics STTH1004 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STTH1004
Characteristics
3/7
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt (typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z
th(j-c)/Rth(j-c)
Single pulse
TO-220FPAC
tP(s)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
50
100
150
200
250
300
350
400
450
500
I
F=IF(AV)
V
R=200V
T
j=125°C
I
(A)
RM
dI /dt(A/µs)
F
Figure 5.
Reverse recovery time versus
dIF/dt (typical values)
Figure 6.
Reverse recovery charges versus
dIF/dt (typical values)
0
10
20
30
40
50
60
70
80
0
50
100
150
200
250
300
350
400
450
500
I
F=IF(AV)
V
R=200V
T
j=125°C
t (ns)
rr
dI /dt(A/µs)
F
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
450
500
Q
RR(nC)
I
F=IF(AV)
V
R=200V
Tj=125°C
dI /dt(A/µs)
F
Figure 7.
Reverse recovery softness factor
versus dIF/dt (typical values)
Figure 8.
Relative variations of dynamic
parameters versus junction
temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
50
100
150
200
250
300
350
400
450
500
I
F < 2 x IF(AV)
V
R=200V
T
j=125°C
S factor
dI /dt(A/µs)
F
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
25
50
75
100
125
T (°C)
j



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com