Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1004 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH1004
Description  High efficiency rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1004 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH1004 Datasheet HTML 1Page - STMicroelectronics STTH1004 Datasheet HTML 2Page - STMicroelectronics STTH1004 Datasheet HTML 3Page - STMicroelectronics STTH1004 Datasheet HTML 4Page - STMicroelectronics STTH1004 Datasheet HTML 5Page - STMicroelectronics STTH1004 Datasheet HTML 6Page - STMicroelectronics STTH1004 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STTH1004
4/7
Figure 9.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 10.
Forward recovery time
versus dIF/dt (typical values)
Figure 11.
Junction capacitance versus
reverse voltage applied (typical
values)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
50
100
150
200
250
300
350
400
450
500
I
F=IF(AV)
T
j=125°C
V
(V)
FP
dI /dt(A/µs)
F
0
20
40
60
80
100
120
140
160
180
200
0
50
100
150
200
250
300
350
400
450
500
I
F=IF(AV)
V
FR=1.1 x VF max.
T
j=125°C
dI /dt(A/µs)
F
t (ns)
fr
10
100
1
10
100
1000
C(pF)
F=1MHz
V
OSC=30mVRMS
T
j=25°C
VR(V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com