Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDPLWA Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MDPLWA
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDPLWA Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MDPLWA Datasheet HTML 1Page - M-System Co.,Ltd. MDPLWA Datasheet HTML 2Page - M-System Co.,Ltd. MDPLWA Datasheet HTML 3Page - M-System Co.,Ltd. MDPLWA Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: MDP-LWA
MDP-LWA SPECIFICATIONS
ES-8234 Rev.6 Page 3/4
http://www.m-system.co.jp/
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and the ground or
metallic housing of the equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
When the M-RESTER is mounted with DIN Rail Mounting Adapter,
connect the grounding wire to the mounting screw of the M-RESTER.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
B
C
2
3
A
1
31.5 (1.24)
2–5 (.20) dia.
MTG HOLE
6–M4 TERMINAL SCREW
GROUND TERMINAL (G)
(used as mounting bracket)
27 (1.06)
53 (2.09)
80 (3.15)
HEAD ELEMENT
BASE
31.5 (1.24)
6–M4 TERMINAL SCREW
27 (1.06)
53 (2.09)
80 (3.15)
DIN RAIL
35mm wide
B
C
2
3
A
1
8.5
(.33) [3.3 (.13)]
2–M4 MOUNTING SCREW
(used as ground terminal (G))
■ STANDARD
■ WITH DIN RAIL MOUNTING ADAPTER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com