Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDPLWA Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MDPLWA
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDPLWA Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MDPLWA Datasheet HTML 1Page - M-System Co.,Ltd. MDPLWA Datasheet HTML 2Page - M-System Co.,Ltd. MDPLWA Datasheet HTML 3Page - M-System Co.,Ltd. MDPLWA Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: MDP-LWA
MDP-LWA SPECIFICATIONS
ES-8234 Rev.6 Page 4/4
http://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm (inch)
33 (1.30) min.
2–M4 SCREW
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
BASE
Surge
Side
NET A, B
(line)
C
SHIELD
SHIELD
3
2
B
G
Protected
Device Side
NET A, B
Discharge
Element
A
1
Voltage
Limiter
1.5
1.5
HEAD
ELEMENT
GROUND TERMINAL
(used as mounting attachment)
:
:
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com