Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDPFT Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MDPFT
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDPFT Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MDPFT Datasheet HTML 1Page - M-System Co.,Ltd. MDPFT Datasheet HTML 2Page - M-System Co.,Ltd. MDPFT Datasheet HTML 3Page - M-System Co.,Ltd. MDPFT Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: MDP-FT
MDP-FT SPECIFICATIONS
ES-8118 Rev.18 Page 3/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
P2
P1
S2
S1
23.5 (.93)
2–5 (.20) dia.
MTG HOLE
4–M4 TERMINAL SCREW
GROUND TERMINAL (G)
(used as mounting bracket)
27 (1.06)
53 (2.09)
80 (3.15)
HEAD ELEMENT
BASE
27 (1.06)
53 (2.09)
80 (3.15)
P2
P1
S2
S1
23.5 (.93)
8.5
(.33) [3.3 (.13)]
DIN RAIL
35mm wide
4–M4 TERMINAL SCREW
2–M4 MOUNTING SCREW
(used as ground terminal (G))
■ STANDARD
■ WITH DIN RAIL MOUNTING ADAPTER
MOUNTING REQUIREMENTS unit: mm (inch)
25 (.97) min.
2–M4 SCREW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com