Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDPFT Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDPFT
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDPFT Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDPFT Datasheet HTML 1Page - M-System Co.,Ltd. MDPFT Datasheet HTML 2Page - M-System Co.,Ltd. MDPFT Datasheet HTML 3Page - M-System Co.,Ltd. MDPFT Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: MDP-FT
MDP-FT SPECIFICATIONS
ES-8118 Rev.18 Page 1/4
http://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR TELEMETERING USE
(3.4 kHz)
Functions & Features
• Designed specifically to protect telemetering systems
utilizing leased circuit
• Applied to modems for computer using audio band signals
and to telemetering systems
• Absorbs surges only without affecting instrumentation
signal
• No interruption of signal by unplugging the protector
element
80 (3.15)
100
(3.94)
23.5 (.93)
mm (inch)
MODEL: MDP–FT[1]
ORDERING INFORMATION
• Code number: MDP-FT[1]
Specify a code from below for [1].
(e.g. MDP-FT/A33/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS (multiple selections)
DIN Rail Mounting Adapter
blank: Without
/A33: With adapter (model A-33)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Telemetering module (model: TMS)
• 300 bps modem (model: MOD2)
• 1200 bps modem (model: MOD3x)
• Voice/data modem (model: MOD4)
• 1200 bps modem (model: MOD5)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M4 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight:
120 g (0.26 lb), standard
145 g (0.32 lb), with DIN rail mounting adapter
PERFORMANCE
Max. continuous operating voltage (Uc):
Line to line: ±1.2 V
Line to earth: ±140 V
Voltage protection level (Up):
• @ 1 kV (100 A)
Line to line: ±15 V
Line to earth: ±650 V
• @ 2 kV (1 kA)
Line to line: ±45 V
Line to earth: ±800 V
Response time:
Line to line: ≤ 4 nsec.
Line to earth: ≤ 20 nsec.
Leakage current @Uc:
Line to line: ≤ 20 μA
Line to earth: ≤ 10 μA
Max. discharge current (Imax): 5000 A (8 / 20 μs)
Nominal current (IN): 100 mA
Internal series resistance: ≤ 8 Ω ±20 % (including return)
Capacitance @ 1 MHz:
Line to line: ≤ 500 pF
Line to earth: ≤ 100 pF
Surge protection: IEC 61643-21 Categories C1, C2, D1


Similar Part No. - MDPFT

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
MDP POMONA-MDP Datasheet
84Kb / 1P
Stackable Double Banana Plug with Cable Guide
logo
Adam Technologies, Inc.
MDP-006 ADAM-TECH-MDP-006 Datasheet
154Kb / 1P
DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
MDP-00X-M ADAM-TECH-MDP-00X-M Datasheet
74Kb / 1P
MINI DIN PLUG
logo
M-System Co.,Ltd.
MDP-100T MSYSTEM-MDP-100T Datasheet
119Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDP-100T/A33 MSYSTEM-MDP-100T/A33 Datasheet
119Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDPFT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com