Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-LC2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MD-LC2
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD-LC2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MD-LC2 Datasheet HTML 1Page - M-System Co.,Ltd. MD-LC2 Datasheet HTML 2Page - M-System Co.,Ltd. MD-LC2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MD-LC2
http://www.m-system.co.jp/
MD-LC2 SPECIFICATIONS
ES-8228 Rev.4 Page 1/3
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR
STRAIN GAUGE USE
(6-wire remote sensing)
Functions & Features
•Designed to protect strain gauge transmitters from
lightning surge damage that enters on the wiring between
the strain gauge and the transmitter
•Six-wire remote sensing
•Absorbing surges only without affecting instrumentation
signal
72
(2.83)
132
(5.20)
80
(3.15)
mm (inch)
MODEL: MD–LC2
ORDERING INFORMATION
• Code number: MD-LC2
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Housing material: Flame-resistant resin (black)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 250 g (0.55 lbs)
PERFORMANCE
Maximum line voltage
Signal (L1 to L2): ±0.3 V
Excitation (+ to –): 15 V
Excitation (S+ to S–): 15 V
Signal (L1, L2) to ground: ±15 V
Excitation (+, S+) to ground: +30/-15 V
Excitation (–, S–) to ground: ±15 V
Discharge voltage (peak voltage)
Signal (L1 to L2): ±0.3 V min.
Excitation (+ to –): 15 V min.
Excitation (S+ to S–): 15 V min.
Signal (L1, L2) to ground: ±15 V min.
Excitation (+, S+) to ground: +30/-15 V min.
Excitation (–, S–) to ground: ±15 V min.
Maximum surge voltage
Signal (L1 to L2): ±20 V max.
Excitation (+ to –): 40 V max.
Excitation (S+ to S–): 40 V max.
Signal (L1, L2) to ground: ±40 V max.
Excitation (+, S+) to ground: +65/-40 V max.
Excitation (–, S–) to ground: ±40 V max.
The maximum voltage that could pass through M-RESTER.
Protected equipment must be able to withstand this voltage
for very short time period.
Response time: 4 nsec.
Leakage current
Signal (L1 to L2): ≤ 0.2 µA at ±0.3 V DC
Excitation (+ to –): ≤ 2 µA at 15 V DC
Excitation (S+ to S–): ≤ 2 µA at 15 V DC
Line to ground: ≤ 2 µA at ±15 V DC
Discharge current capacity: 5000 A (8 / 20 μsec.)
Internal series resistance and max. load current
Signal (L1, L2) each: approx. ≤ 10 Ω; max. 100 mA
Excitation (+, –) each: approx. ≤ 4 Ω; max. 200 mA
Excitation (S+, S–) each: approx. ≤ 10 Ω; max. 100 mA


Similar Part No. - MD-LC2

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
MD-001HRL HALO-MD-001HRL Datasheet
675Kb / 3P
Complete ?쏰n-Board??Thinnet Solution
MD-002HRL HALO-MD-002HRL Datasheet
675Kb / 3P
Complete ?쏰n-Board??Thinnet Solution
MD-003HRL HALO-MD-003HRL Datasheet
675Kb / 3P
Complete ?쏰n-Board??Thinnet Solution
MD-004HRL HALO-MD-004HRL Datasheet
675Kb / 3P
Complete ?쏰n-Board??Thinnet Solution
logo
Vectron International, ...
MD-010 VECTRON-MD-010 Datasheet
843Kb / 8P
Disciplined Oscillator Module
More results

Similar Description - MD-LC2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com