Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-LC2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MD-LC2
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD-LC2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MD-LC2 Datasheet HTML 1Page - M-System Co.,Ltd. MD-LC2 Datasheet HTML 2Page - M-System Co.,Ltd. MD-LC2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MD-LC2
http://www.m-system.co.jp/
MD-LC2 SPECIFICATIONS
ES-8228 Rev.4 Page 2/3
CONNECTION EXAMPLES
M-RESTER
2
11
4
12
M-RESTER
5
4
12
2
11
15
14
14
15
(PROTECTED EQUIPMENT)
9
1
10
8
7
3
6
7
9
Remote Sensing
Strain Gauge Transmitter LC2/LCS2
SHIELD
1
2
OUTPUT
8
7
POWER
EXC
INPUT
1
5
6
10
8
3
EXC +
EXC –
(+)
(–)
OUTPUT
Strain Gauge
(PROTECTED EQUIPMENT)
SHLD
4
5
10
11
6
9
3
S
+
S
–
–
G
SHLD
+
–
U(+)
V(–)
+
L1
L2
metal housing
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and ground or metallic
housing of equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
50 (1.97)
72 (2.83)
[3.3 (.13)]
60 (2.36)
72 (2.83)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
14–M3.5
SCREW
• When mounting, no extra space is needed between units.
12
5
6
14
11
1
10
15
4
3
2
7
9
8
103 (4.06)
132 (5.20)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com