Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWTN-2AB1/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # LWTN-2AB1/Q
Description  Power Transducer Series L-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LWTN-2AB1/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  LWTN-2AB1/Q Datasheet HTML 1Page - M-System Co.,Ltd. LWTN-2AB1/Q Datasheet HTML 2Page - M-System Co.,Ltd. LWTN-2AB1/Q Datasheet HTML 3Page - M-System Co.,Ltd. LWTN-2AB1/Q Datasheet HTML 4Page - M-System Co.,Ltd. LWTN-2AB1/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: LWTN
http://www.m-system.co.jp/
LWTN SPECIFICATIONS
ES-1976 Rev.2 Page 4/5
CONNECTION DIAGRAM
LOAD
+
–
1
2
3
SOURCE
P2
V
P1
U
v
u
FUSE
VT
V
v
P3
U
u
CT
L
K
1L
1S
3L
3S
L
K
14
16
15
7
8
1
5
6
2
PULSE OUTPUT
+
–
11
12
DC OUTPUT
■ 3-PHASE/3-WIRE
■ SINGLE-PHASE/2-WIRE
LOAD
1
2
SOURCE
P2
V
P1
U
v
u
FUSE
VT
CT
L
K
1L
1S
+
–
14
15
7
8
1
2
PULSE OUTPUT
■ SINGLE-PHASE/3-WIRE
LOAD
1
N
2
SOURCE
P0
V
P1
U
v
u
FUSE
VT
V
v
P2
U
u
CT
L
K
1L
1S
2L
2S
L
K
+
–
14
16
15
7
8
1
5
6
2
PULSE OUTPUT
LOAD
1
N
2
3
SOURCE
P2
V
P1
U
v
u
FUSE
VT
V
v
P3
U
u
V
v
P0
U
u
CT
L
K
1L
1S
2L
2S
3L
3S
L
K
L
K
+
–
7
8
PULSE OUTPUT
14
15
16
13
1
2
3
4
5
6
■ 3-PHASE/4-WIRE
+
–
11
12
DC OUTPUT
+
–
11
12
DC OUTPUT
+
–
11
12
DC OUTPUT
■ Open Collector
Pulse Output Connection Example
k
l
k
l
k
l
k
l
k
l
+
-
7
8
k
k
k
l
l
l



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com