Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWTN-2AB1/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LWTN-2AB1/Q
Description  Power Transducer Series L-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LWTN-2AB1/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LWTN-2AB1/Q Datasheet HTML 1Page - M-System Co.,Ltd. LWTN-2AB1/Q Datasheet HTML 2Page - M-System Co.,Ltd. LWTN-2AB1/Q Datasheet HTML 3Page - M-System Co.,Ltd. LWTN-2AB1/Q Datasheet HTML 4Page - M-System Co.,Ltd. LWTN-2AB1/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: LWTN
http://www.m-system.co.jp/
LWTN SPECIFICATIONS
ES-1976 Rev.2 Page 1/5
Power Transducer Series L-UNIT
WATT TRANSDUCER
(self-powered, with pulse output)
Functions & Features
• Providing a DC output signal and pulse totalizer signal in
proportion to AC active power
• Convenient pulse unit output (Wh×10n)
• Measuring bidirectional power flow
• DC output containing little ripple is ideal for computer
input
• "Time division multiplication" method accepts distorted
waveforms
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Centralized monitoring and control of power management
system in a manufacturing facility or building
• SCR – Silicon Controlled Rectifier
75
(2.95)
112
(4.41)
75
(2.95)
mm (inch)
MODEL: LWTN–[1][2][3][4][5]
ORDERING INFORMATION
• Code number: LWTN–[1][2][3][4][5]
Specify a code from below for each [1] through [5].
(e.g. LWTN-11A2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
• Calibration range (e.g. -750 – +750 W)
• VT ratio, CT ratio (e.g. VT 3300/110 V, CT 250/5 A)
• Special DC output range (For codes Z & 0)
• Pulse output (e.g. 6.666 Wh/pulse)
How To Determine Pulse Unit
[example]
3-phase / 3-wire, VT 3300/110 V, CT 250/5 A,
calibration range 750 W
•From Pulse Unit 10 [kWh/pulse]
10 [kWh/pulse] / (3300/110) × (250/5)
= 6.666 × 10–3 [kWh/pulse]
= 6.666 [Wh/pulse]
•From Pulse Rate 150 [pulses/kWh]
1 / 150 [pulses/kWh]
= 6.666 × 10–3 [kWh/pulse]
= 6.666 [Wh/pulse]
•From Frequency 0.03125 Hz (at 100 %)
750 [W] / 0.03125 [H] × 3600 [s]
= 6.666 [Wh/pulse]
[1] CONFIGURATION
1: 3-phase / 3-wire
2: Single-phase / 2-wire
3: Single-phase / 3-wire
4: 3-phase / 4-wire
[2] INPUT (unbalanced load)
1: 110 V / 5 A AC
2: 110 V / 1 A AC
3: 220 V / 1 A AC
4: 220 V / 5 A AC
5: 220 V / 380 V / 1 A AC (3-phase / 4-wire)
6: 220 V / 380 V / 5 A AC (3-phase / 4-wire)
7: 110 V / 190 V / 1 A AC (3-phase / 4-wire)
8: 110 V / 190 V / 5 A AC (3-phase / 4-wire)
A: 100 V / 200 V / 1 A AC (single-phase / 3- wire)
B: 100 V / 200 V / 5 A AC (single-phase / 3- wire)
[3] DC OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
B: 2 – 10 mA DC (Load resistance 1200 Ω max.)
C: 1 – 5 mA DC (Load resistance 2400 Ω max.)
D: 0 – 20 mA DC (Load resistance 600 Ω max.)
E: 0 – 16 mA DC (Load resistance 750 Ω max.)
F: 0 – 10 mA DC (Load resistance 1200 Ω max.)
G: 0 – 1 mA DC (Load resistance 12 kΩ max.)
J: 0 – 5 mA DC (Load resistance 2400 Ω max.)
FW: -10 – +10 mA DC (Load resistance 1000 Ω max.)
GW: -1 – +1 mA DC (Load resistance 10 kΩ max.)
JW: -5 – +5 mA DC (Load resistance 2000 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
1W: -10 – +10 mV DC (Load resistance 10 kΩ min.)
2W: -100 – +100 mV DC (Load resistance 100 kΩ min.)


Similar Part No. - LWTN-2AB1/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LWT MSYSTEM-LWT Datasheet
151Kb / 5P
Power Transducer Series L-UNIT
logo
DENSEI-LAMBDA
LWT15H LAMBDA-LWT15H Datasheet
91Kb / 2P
Triple output 17W ~ 50W
LWT15H-522 LAMBDA-LWT15H-522 Datasheet
91Kb / 2P
Triple output 17W ~ 50W
logo
TDK Electronics
LWT15H-522 TDK-LWT15H-522 Datasheet
123Kb / 2P
AC-DC Power Supplies
logo
DENSEI-LAMBDA
LWT15H-525 LAMBDA-LWT15H-525 Datasheet
91Kb / 2P
Triple output 17W ~ 50W
More results

Similar Description - LWTN-2AB1/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
L2CE MSYSTEM-L2CE Datasheet
102Kb / 3P
Power Transducer Series L-UNIT
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
LCNA MSYSTEM-LCNA Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LDPE MSYSTEM-LDPE Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPNE MSYSTEM-LPNE Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LPE MSYSTEM-LPE Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
LPCE MSYSTEM-LPCE Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LPAN MSYSTEM-LPAN Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com